Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX7535 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce NX7535
Description  LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7535 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  NX7535 Datasheet HTML 1Page - Renesas Technology Corp NX7535 Datasheet HTML 2Page - Renesas Technology Corp NX7535 Datasheet HTML 3Page - Renesas Technology Corp NX7535 Datasheet HTML 4Page - Renesas Technology Corp NX7535 Datasheet HTML 5Page - Renesas Technology Corp NX7535 Datasheet HTML 6Page - Renesas Technology Corp NX7535 Datasheet HTML 7Page - Renesas Technology Corp NX7535 Datasheet HTML 8Page - Renesas Technology Corp NX7535 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NX7535 Series
Chapter Title
R08DS0024EJ0200 Rev.2.00
Page 4 of 9
Sep 19, 2010
OPTICAL FIBER CHARACTERISTICS
Parameter
Specification
Unit
Mode Field Diameter
9.5
±1
μm
Cladding Diameter
125
±2
μm
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
1.6
%
Outer Diameter
0.9
±0.1
mm
Cut-off Wavelength
1 140 to 1 280
nm
Minimum Fiber Bending Radius
30
mm
Ferrule
Fiber Length: 1 000 mm MIN.


Numéro de pièce similaire - NX7535

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX7535 CEL-NX7535 Datasheet
257Kb / 9P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535AN-AA CEL-NX7535AN-AA Datasheet
257Kb / 9P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7535BN-AA CEL-NX7535BN-AA Datasheet
257Kb / 9P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7535 RENESAS-NX7535_15 Datasheet
180Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
More results

Description similaire - NX7535

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NX7535 RENESAS-NX7535_15 Datasheet
180Kb / 11P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
logo
California Eastern Labs
NX7535 CEL-NX7535 Datasheet
257Kb / 9P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA RENESAS-NX7538BF-AA Datasheet
186Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA Datasheet
173Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA RENESAS-NX7538BF-AA_15 Datasheet
167Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7335 RENESAS-NX7335 Datasheet
187Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7335 RENESAS-NX7335_15 Datasheet
180Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com