Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE202930-T1 Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce NE202930-T1
Description  Silicon NPN Epitaxial High Frequency Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE202930-T1 Fiches technique(HTML) 3 Page - Renesas Technology Corp

  NE202930-T1 Datasheet HTML 1Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 2Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 3Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 4Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 5Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 6Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 7Page - Renesas Technology Corp NE202930-T1 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NE202930
R09DS0003EJ0100 Rev.1.00
Page 3 of 6
Jul 14, 2010
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
0
25
50
75
100
125
150
150
100
50
200
Free Air
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
0
5
10
20
12
3
4
5
100 A
15
μ
IB = 10 A
μ
20 A
μ
30 A
μ
40 A
μ
50 A
μ
60 A
μ
70 A
μ
80 A
μ
90 A
μ
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
12
3
4
9
56
7
8
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
0
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
0.001
0.0001
VCE = 5 V
Collector Current IC (mA)
DC CURRENT GAIN
vs. COLLECTOR CURRENT
VCE = 5 V
0.001
10
100
1 000
0.01
0.1
1
10
100
1
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
VCE = 5 V,
f = 1 GHz
14
12
10
8
6
4
2
0
10
1
100
Remark The graphs indicate nominal characteristics.


Numéro de pièce similaire - NE202930-T1

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE202930-T1 CEL-NE202930-T1 Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
NE202930-T1-A CEL-NE202930-T1-A Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
More results

Description similaire - NE202930-T1

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE202930 CEL-NE202930 Datasheet
571Kb / 7P
   Silicon NPN Epitaxial High Frequency Transistor
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
   Silicon NPN Epitaxial High Frequency Transistor
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
   HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
   NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com