Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N0301N Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce N0301N
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0301N Fiches technique(HTML) 7 Page - Renesas Technology Corp

  N0301N Datasheet HTML 1Page - Renesas Technology Corp N0301N Datasheet HTML 2Page - Renesas Technology Corp N0301N Datasheet HTML 3Page - Renesas Technology Corp N0301N Datasheet HTML 4Page - Renesas Technology Corp N0301N Datasheet HTML 5Page - Renesas Technology Corp N0301N Datasheet HTML 6Page - Renesas Technology Corp N0301N Datasheet HTML 7Page - Renesas Technology Corp N0301N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D20202EJ1V0DS
5
N0301N
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
10 V
VGS = 4.0 V
Pulsed
4.5 V
ID - Drain Current - A
10
100
1000
0.1
1
10
100
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1
10
100
0.1
1
10
100
td(on)
tf
tr
td(off)
VDD = 15 V
VGS = 10 V
RG = 10
Ω
ID - Drain Current - A
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
VGS = 0 V
Pulsed
VSD - Source to Drain Voltage - V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
01
23
4
5
678
9 10 11 12
ID = 4.5 A
VDD = 24 V
15 V
6 V
QG - Gate Charge - nC


Numéro de pièce similaire - N0301N

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
N0301N VBSEMI-N0301N Datasheet
484Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
N0301N RENESAS-N0301N_15 Datasheet
261Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Description similaire - N0301N

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com