Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N0100P-T1-AT Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce N0100P-T1-AT
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0100P-T1-AT Fiches technique(HTML) 3 Page - Renesas Technology Corp

  N0100P-T1-AT Datasheet HTML 1Page - Renesas Technology Corp N0100P-T1-AT Datasheet HTML 2Page - Renesas Technology Corp N0100P-T1-AT Datasheet HTML 3Page - Renesas Technology Corp N0100P-T1-AT Datasheet HTML 4Page - Renesas Technology Corp N0100P-T1-AT Datasheet HTML 5Page - Renesas Technology Corp N0100P-T1-AT Datasheet HTML 6Page - Renesas Technology Corp N0100P-T1-AT Datasheet HTML 7Page - Renesas Technology Corp N0100P-T1-AT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest
version. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for
availability and additional information.
MOS FIELD EFFECT TRANSISTOR
N0100P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
D20203EJ1V0DS00 (1st edition)
Date Published
January 2010 NS
Printed in Japan
2010
DESCRIPTION
The N0100P is a switching device, which can be driven directly by a 1.8 V
power source.
This N0100P features a low on-state resistance and excellent switching
characteristics, and is suitable for applications such as power switch of
portable machine and so on.
FEATURES
• 1.8 V drive available
• Low on-state resistance
RDS(on)1 = 44 m
Ω MAX. (VGS = −4.5 V, ID = −2.0 A)
RDS(on)2 = 56 m
Ω MAX. (VGS = −3.0 V, ID = −2.0 A)
RDS(on)3 = 62 m
Ω MAX. (VGS = −2.5 V, ID = −2.0 A)
RDS(on)4 = 105 m
Ω MAX. (VGS = −1.8 V, ID = −1.5 A)
• Built-in gate protection diode
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
N0100P-T1-AT
Pure Sn (Tin)
Tape 3000 p/reel
SOT-23F
Marking: XX
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−12
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m8.0
V
Drain Current (DC)
ID(DC)
m3.5
A
Drain Current (pulse)
Note1
ID(pulse)
m12
A
Total Power Dissipation
PT1
0.2
W
Total Power Dissipation
Note2
PT2
1.3
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Mounted on FR-4 board of 50 mm
× 50 mm × 1.6 mm, copper foil 100%, t ≤ 5 sec.
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this
device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage
may be applied to this device.
PACKAGE DRAWING (Unit: mm)
2.9
±0.1
0.85
±0.05
0.165
±0.05
0 to 0.025
1.9
1
2
3
0.42
±0.05
1: Source
2: Gate
3: Drain
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Numéro de pièce similaire - N0100P-T1-AT

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
N0100P VBSEMI-N0100P Datasheet
463Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Renesas Technology Corp
N0100P RENESAS-N0100P_15 Datasheet
262Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Description similaire - N0100P-T1-AT

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com