Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS84610RKGT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS84610RKGT
Description  2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84610RKGT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS84610RKGT Datasheet HTML 6Page - Texas Instruments TPS84610RKGT Datasheet HTML 7Page - Texas Instruments TPS84610RKGT Datasheet HTML 8Page - Texas Instruments TPS84610RKGT Datasheet HTML 9Page - Texas Instruments TPS84610RKGT Datasheet HTML 10Page - Texas Instruments TPS84610RKGT Datasheet HTML 11Page - Texas Instruments TPS84610RKGT Datasheet HTML 12Page - Texas Instruments TPS84610RKGT Datasheet HTML 13Page - Texas Instruments TPS84610RKGT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TPS84610
SLVSAZ4
– OCTOBER 2011
www.ti.com
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
The VADJ control sets the output voltage of the TPS84610. The output voltage adjustment range is from 0.8V to
3.6V. The adjustment method requires the addition of RSET, which sets the output voltage, the connection of
SENSE+ to VOUT, and in some cases RRT which sets the switching frequency. The RSET resistor must be
connected directly between the VADJ (pin 35) and AGND (pin 33
& 34). The SENSE+ pin (pin 36) must be
connected to VOUT either at the load for improved regulation or at VOUT of the module. The RRT resistor must
be connected directly between the RT/CLK (pin 4) and AGND (pins 33
& 34).
Table 1 gives the standard external RSET resistor for a number of common bus voltages, along with the
recommended RRT resistor for that output voltage.
Table 1. Standard RSET Resistor Values for Common Output Voltages
RESISTORS
OUTPUT VOLTAGE VOUT (V)
0.8
1.2
1.5
1.8
2.5
3.3
RSET (kΩ)
open
2.87
1.65
1.15
0.673
0.459
RRT (kΩ)
1200
715
348
348
348
348
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2.
(1)
Table 2. Standard RSET Resistor Values
VOUT (V)
RSET (kΩ)
RRT (kΩ)
fSW (kHz)
VOUT (V)
RSET (kΩ)
RRT (kΩ)
fSW (kHz)
0.8
open
1200
650
2.3
0.768
348
1000
0.9
11.8
1200
650
2.4
0.715
348
1000
1.0
5.83
1200
650
2.5
0.673
348
1000
1.1
3.83
1200
650
2.6
0.634
348
1000
1.2
2.87
715
750
2.7
0.604
348
1000
1.3
2.32
715
750
2.8
0.576
348
1000
1.4
1.91
715
750
2.9
0.549
348
1000
1.5
1.65
348
1000
3.0
0.523
348
1000
1.6
1.43
348
1000
3.1
0.499
348
1000
1.7
1.27
348
1000
3.2
0.475
348
1000
1.8
1.15
348
1000
3.3
0.459
348
1000
1.9
1.05
348
1000
3.4
0.442
348
1000
2.0
0.953
348
1000
3.5
0.422
348
1000
2.1
0.845
348
1000
3.6
0.412
348
1000
2.2
0.825
348
1000
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS84610


Numéro de pièce similaire - TPS84610RKGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84610RKG TI1-TPS84610RKG Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
More results

Description similaire - TPS84610RKGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54612QPWPRQ1 TI-TPS54612QPWPRQ1 Datasheet
344Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT,6-A OUTPUT SYNCHRONOUS BUCK PWM
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com