Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLG2416 Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce DLG2416
Description  4-Character 5x7 Dot Matrix Alphanumeric IntelligentDisplay with Memory/Decoder/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

DLG2416 Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  DLG2416 Datasheet HTML 1Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 2Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 3Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 4Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 5Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 6Page - Siemens Semiconductor Group DLG2416 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5–3
DLR/DLO/DLG2416
AC Characteristics Guaranteed Minimum Timing, Parameters at VCC=5.0 V ±0.5 V
Note: TACC=Set Up Time + Write Time + Hold Time.
Loading Data Table
X=don’t care
Loading Cursor Table
X=don’t care s= all dots on
Parameter
Symbol
–40
°C
+25
°C
+85
°C
Unit
Chip Enable Set Up Time
TCES
000ns
Address Set Up Time
TAS
10
10
10
ns
Cursor Set Up Time
TCUS
10
10
10
ns
Chip Enable Hold Time
TCEH
000ns
Address Hold Time
TAH
20
30
40
ns
Cursor Hold Time
TCUH
20
30
40
ns
Clear Disable Time
TCLRD
111
µs
Write Time
TW
60
70
90
ns
Data Set Up Time
TDS
20
30
50
ns
Data Hold Time
TDH
20
30
40
ns
Clear Time
TCLR
111
µs
Access Time
TACC
90
110
140
ns
Control
Address
Data
Display Digit
BL
CE1
CE2
CUE
CU
WR
CLR
A1
A0
D6
D5
D4
D3
D2
D1
D0
3210
H
X
X
L
X
H
H
previously loaded display
G
R
E
Y
H
H
X
L
X
X
H
XXXXXXXXXG
R
E
Y
H
X
H
L
X
X
H
XXXXXXXXXG
R
E
Y
H
L
L
L
H
L
H
LLH
LLLH
LH
G
R
E
E
H
L
L
L
H
L
H
L
HHL
HL
HL
HG
R
U
E
H
L
L
L
H
L
H
H
LH
LLH
H
LLG
L
U
E
H
L
L
L
H
L
H
H
H
H
LLLLH
LB
L
U
E
L
X
X
X
X
H
H
X
X
blank display
H
L
L
L
H
L
H
HHHL
L
L
HHHG
L
U
E
H
X
X
L
X
H
L
X
X
clears character displays
H
L
L
L
H
L
L
X
X
see character code
see character set
Digit
BL
CE1
CE2
CE3
CE4
CUE
CU
WR
CLR
A1
A0
D6
D5
D4
D3
D2
D1
D0
3210
H
X
X
X
X
L
X
H
H
previously loaded display
B
E
A
R
H
X
X
X
X
H
X
H
H
display previously stored cursors
B
E
A
R
H
H
H
L
L
H
L
L
H
L
L
XXXXXXH
B
E
A
s
H
H
H
L
L
H
L
L
H
L
H
XXXXXXH
B
E
ss
H
H
H
L
L
H
L
L
H
H
L
XXXXXXH
B
sss
H
H
H
L
L
H
L
L
H
H
H
XXXXXXH
ssss
H
H
H
L
L
H
L
L
H
H
L
XXXXXXL
s
E
ss
H
X
X
X
X
L
X
H
H
disable cursor display
B
E
A
R
H
H
H
L
L
L
L
L
H
H
H
XXXXXXL
B
E
A
R
H
X
X
X
X
H
H
X
H
display stored cursors
B
E
ss


Numéro de pièce similaire - DLG2416

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
DLG2416 OSRAM-DLG2416 Datasheet
689Kb / 11P
   The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-play is x/y stackable
More results

Description similaire - DLG2416

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
   X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
logo
Siemens Semiconductor G...
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
   4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com