Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGY94 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce CGY94
Description  GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier Operating voltage range: 2.7 to 6 V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY94 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  CGY94 Datasheet HTML 1Page - Siemens Semiconductor Group CGY94 Datasheet HTML 2Page - Siemens Semiconductor Group CGY94 Datasheet HTML 3Page - Siemens Semiconductor Group CGY94 Datasheet HTML 4Page - Siemens Semiconductor Group CGY94 Datasheet HTML 5Page - Siemens Semiconductor Group CGY94 Datasheet HTML 6Page - Siemens Semiconductor Group CGY94 Datasheet HTML 7Page - Siemens Semiconductor Group CGY94 Datasheet HTML 8Page - Siemens Semiconductor Group CGY94 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GaAs MMIC
CGY 94
_______________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 2/9
17.10.95
HL EH PD 21
Functional block diagram:
Control circuit:
The drain current ID of the CGY 94 is
adjusted by the internal control circuit.
Therefore a negative voltage (-4V...-6V)
has to be supplied at VG. For transmit
operation VTR must be set to 0V. During
receive operation VTR should be dis-
connected (shut off mode).
Pin #
Configuration
1
VG
Negative voltage at control circuit (-4V...-6V)
2
VTR
Control voltage for transmit mode (0V) or receive mode (open)
3,4,5,10
GND 2
RF and DC ground of the 2nd stage
6,9
GND 1
RF and DC ground of the 1st stage
7
VD1
Positive drain voltage of the 1st stage
8
RFin
RF input power
11
GND 3
Ground for internal output matching
12
VD2, RFout
Positive drain voltage of the 2nd stage, RF output power
DC characteristics
Characteristics
Symbol Conditions
min
typ
max
Unit
Drain current
stage 1
IDSS1
VD=3V, VG=0V, VTR n.c.
0.6
0.9
1.3
A
stage 2
IDSS2
2.7
4.1
5.9
A
Drain current with
active current control
ID
VD=3V, VG=-4V, VTR=0V
-
1.1
-
A
Transconductance
gfs1
VD=3V, ID=350mA
0.25
0.32
-
S
(stage 1 and 2)
gfs2
VD=3V, ID=700mA
1.1
1.3
-
S
Pinch off voltage
Vp
VD=3V, ID<500
µA
(all stages)
-3.8
-2.8
-1.8
V
Pin (8)
Pout (12)
GND1 (6, 9)
GND2
VD1 (7)
VD2 (12)
VG (1)
GND3 (11)
Control
Circuit
VTR (2)
(3, 4, 5, 10)


Numéro de pièce similaire - CGY94

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
logo
Infineon Technologies A...
CGY93 INFINEON-CGY93 Datasheet
86Kb / 9P
   GaAs MMIC
03.00
logo
Siemens Semiconductor G...
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
   GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
More results

Description similaire - CGY94

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY92 SIEMENS-CGY92 Datasheet
159Kb / 14P
   GaAs MMIC (Power amplifier for GSM or AMPS application Fully integrated 2 stage amplifier)
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
   GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
   GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
   Power GaAs MMIC Amplifier 2-6 GHz
MAAM26100-P1 MACOM-MAAM26100-P1 Datasheet
71Kb / 2P
   GaAs MMIC Power Amplifier 2 - 6 GHz
logo
Hittite Microwave Corpo...
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
   GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
logo
TriQuint Semiconductor
TQ9147B TRIQUINT-TQ9147B Datasheet
232Kb / 10P
   2-Stage AMPS Power Amplifier IC
logo
Agilent(Hewlett-Packard...
MGA-64135 HP-MGA-64135 Datasheet
49Kb / 4P
   2 - 6 GHz Cascadable GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC915LP4E HITTITE-HMC915LP4E Datasheet
294Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.5 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com