Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGY31 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce CGY31
Description  GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CGY31 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  CGY31 Datasheet HTML 1Page - Siemens Semiconductor Group CGY31 Datasheet HTML 2Page - Siemens Semiconductor Group CGY31 Datasheet HTML 3Page - Siemens Semiconductor Group CGY31 Datasheet HTML 4Page - Siemens Semiconductor Group CGY31 Datasheet HTML 5Page - Siemens Semiconductor Group CGY31 Datasheet HTML 6Page - Siemens Semiconductor Group CGY31 Datasheet HTML 7Page - Siemens Semiconductor Group CGY31 Datasheet HTML 8Page - Siemens Semiconductor Group CGY31 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
CGY 31
Application Circuit
f = 800 MHz to 1800 MHz
Legend of components
C1, C2, C3
: 100 pF
: 1 nF
R1
L1
39
Resistor, e.g. l = 4 mm;
1.8 mm with axial leads
70 nH
Inductance, e.g. 8 turns, 0.25 mm enamelled copper wire
wound on R. The geometrical combination of L1 and R
influences the frequency response.
L2
40 nH
Inductance, e.g. 5 turns, 0.25 enamelled copper wire
wound on M3-nylon rod.
Chip capacitors
D
6 V 2
Zener diode, 1.3 W (type BZW 22 C 6 V 2).
Note: For lower frequencies (f = 100 … 900 MHz) the performance of CGY 31 is comparable
to that of CGY 21, if an interstage circuit with L1 = 1
µH is connected.


Numéro de pièce similaire - CGY31

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
More results

Description similaire - CGY31

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
   GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY62 SIEMENS-CGY62 Datasheet
25Kb / 5P
   GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY40 SIEMENS-CGY40 Datasheet
30Kb / 5P
   GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
   GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
logo
Mimix Broadband
CMM-9-BD MIMIX-CMM-9-BD Datasheet
380Kb / 5P
   GaAs MMIC Amplifier
logo
Broadcom Corporation.
DEMO-MGA8656-3 BOARDCOM-DEMO-MGA8656-3 Datasheet
177Kb / 8P
   GaAs MMIC Amplifier
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
   GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com