Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFY77 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce CFY77
Description  AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CFY77 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  CFY77 Datasheet HTML 1Page - Siemens Semiconductor Group CFY77 Datasheet HTML 2Page - Siemens Semiconductor Group CFY77 Datasheet HTML 3Page - Siemens Semiconductor Group CFY77 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AlGaAs / InGaAs HEMT
CFY 77
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 4/4
11.01.1996
HL EH PD 21
Typical Common Source S-Parameters
ID = 15 mA
UD = 2.0 V
Z
0 = 50 Ω
S11
S21
S12
S22
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
1
0.98
-22.8
5.55
159.6
0.030
87.5
0.633
-16.3
2
0.94
-46.1
5.40
139.3
0.053
57.8
0.60
-32.5
3
0.88
-68.4
5.09
120.1
0.074
44.9
0.54
-48.0
4
0.82
-90.6
4.77
101.2
0.089
30.7
0.48
-63.3
5
0.77
-110.8
4.45
84.0
0.101
18.1
0.42
-77.5
6
0.72
-131.4
4.16
67.3
0.112
7.9
0.35
-92.6
7
0.66
-153.6
3.88
50.2
0.119
-3.3
0.28
-110.8
8
0.63
-175.2
3.58
34.5
0.122
-12.7
0.22
-132.0
9
0.62
164.4
3.29
18.9
0.120
-22.0
0.16
-157.3
10
0.62
145.0
3.01
4.0
0.119
-29.5
0.14
177.3
11
0.64
128.3
2.76
-10.3
0.119
-37.4
0.15
136.2
12
0.64
113.1
2.51
-23.5
0.114
-44.0
0.18
115.4
13
0.66
101.3
2.32
-35.7
0.114
-47.3
0.23
100.9
14
0.67
89.4
2.18
-48.2
0.116
-53.1
0.25
91.0
15
0.69
73.6
2.06
-62.4
0.116
-58.6
0.28
75.4
16
0.73
59.2
1.85
-75.9
0.115
-65.8
0.36
57.1
17
0.76
51.7
1.65
-86.5
0.112
-69.4
0.39
53.1
18
0.78
45.4
1.56
-96.7
0.115
-72.3
0.42
43.8
19
0.77
36.2
1.51
-108.6
0.121
-76.7
0.44
38.8


Numéro de pièce similaire - CFY77

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CFY25 SIEMENS-CFY25 Datasheet
158Kb / 6P
   GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
logo
Infineon Technologies A...
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
logo
Siemens Semiconductor G...
CFY25-17 SIEMENS-CFY25-17 Datasheet
158Kb / 6P
   GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
CFY25-20 SIEMENS-CFY25-20 Datasheet
158Kb / 6P
   GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
logo
Infineon Technologies A...
CFY25-20 INFINEON-CFY25-20 Datasheet
2Mb / 8P
   HiRel X-Band GaAs Low Noise / General Purpose MESFET
More results

Description similaire - CFY77

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
   GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
logo
Infineon Technologies A...
CFH77 INFINEON-CFH77 Datasheet
50Kb / 5P
   GaAs HEMT For low noise front end amplifiers up to 20 GHz
03.00
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
BFR193W INFINEON-BFR193W_14 Datasheet
660Kb / 6P
   For low noise, high-gain amplifiers up to 2 GHz
2014-04-07
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
logo
Mitsubishi Electric Sem...
MGF4961B MITSUBISHI-MGF4961B Datasheet
111Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
   SUPER LOW NOISE InGaAs HEMT
MGF431XG MITSUBISHI-MGF431XG Datasheet
33Kb / 3P
   Super Low Noise InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
   SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A Datasheet
182Kb / 4P
   SUPER LOW NOISE InGaAs HEMT
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com