Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX7437 Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce NX7437
Description  LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7437 Fiches technique(HTML) 1 Page - Renesas Technology Corp

  NX7437 Datasheet HTML 1Page - Renesas Technology Corp NX7437 Datasheet HTML 2Page - Renesas Technology Corp NX7437 Datasheet HTML 3Page - Renesas Technology Corp NX7437 Datasheet HTML 4Page - Renesas Technology Corp NX7437 Datasheet HTML 5Page - Renesas Technology Corp NX7437 Datasheet HTML 6Page - Renesas Technology Corp NX7437 Datasheet HTML 7Page - Renesas Technology Corp NX7437 Datasheet HTML 8Page - Renesas Technology Corp NX7437 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R08DS0036EJ0100 Rev.1.00
Page 1 of 9
Mar 03, 2011
NX7437AG-AA
NX7437BF-AA
Preliminary Data Sheet
NX7437 Series
LASER DIODE
1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
DESCRIPTION
The NX7437 Series is a 1 490 nm Multiple Quantum Well (MQW) structured
Fabry-Perot (FP) laser diode coaxial module with single mode fiber.
This
module is specified to operate under pulsed condition and designed for light
source of Optical Time Domain Reflectometer (OTDR).
FEATURES
• High output power
Pf = 90 mW @ IFP = 400 mA
*1
• Long wavelength
λC = 1 490 nm
• NX7437AG-AA has a built-in monitor PD.
*1
Pulse Conditions: Pulse width (PW) = 10
μs, Duty = 1%
R08DS0036EJ0100
Rev.1.00
Mar 03, 2011


Numéro de pièce similaire - NX7437

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437AG-AA CEL-NX7437AG-AA Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437BF-AA CEL-NX7437BF-AA Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results

Description similaire - NX7437

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7538BF-AA RENESAS-NX7538BF-AA Datasheet
186Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com