Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX7437 Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce NX7437
Description  LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX7437 Fiches technique(HTML) 7 Page - Renesas Technology Corp

Back Button NX7437 Datasheet HTML 3Page - Renesas Technology Corp NX7437 Datasheet HTML 4Page - Renesas Technology Corp NX7437 Datasheet HTML 5Page - Renesas Technology Corp NX7437 Datasheet HTML 6Page - Renesas Technology Corp NX7437 Datasheet HTML 7Page - Renesas Technology Corp NX7437 Datasheet HTML 8Page - Renesas Technology Corp NX7437 Datasheet HTML 9Page - Renesas Technology Corp NX7437 Datasheet HTML 10Page - Renesas Technology Corp NX7437 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NX7437 Series
Chapter Title
R08DS0036EJ0100 Rev.1.00
Page 7 of 9
Mar 03, 2011
TYPICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
120
100
80
40
20
60
0
100
200
300
400
PW = 10 s,
Duty = 1%
μ
60
°C
25
°C
TC = 0
°C
1 490.0
5 nm/div
Pulsed Forward Current IFP (mA)
SPECTRUM
Wavelength
λ (nm)
OPTICAL OUTPUT POWER FROM
FIBER vs. PULSED FORWARD
CURRENT
Remark The graphs indicate nominal characteristics.


Numéro de pièce similaire - NX7437

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437AG-AA CEL-NX7437AG-AA Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437BF-AA CEL-NX7437BF-AA Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results

Description similaire - NX7437

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
   1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7538BF-AA RENESAS-NX7538BF-AA Datasheet
186Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com