Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N0400P Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce N0400P
Description  N0400P
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0400P Fiches technique(HTML) 5 Page - Renesas Technology Corp

  N0400P_12 Datasheet HTML 1Page - Renesas Technology Corp N0400P_12 Datasheet HTML 2Page - Renesas Technology Corp N0400P_12 Datasheet HTML 3Page - Renesas Technology Corp N0400P_12 Datasheet HTML 4Page - Renesas Technology Corp N0400P_12 Datasheet HTML 5Page - Renesas Technology Corp N0400P_12 Datasheet HTML 6Page - Renesas Technology Corp N0400P_12 Datasheet HTML 7Page - Renesas Technology Corp N0400P_12 Datasheet HTML 8Page - Renesas Technology Corp N0400P_12 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
N0400P
Chapter Title
R07DS0500EJ0200 Rev.2.00
Page 5 of 7
Aug 19, 2011
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
10
20
30
40
50
60
70
80
-75
-25
25
75
125
175
Pulsed
VGS =
−2.5 V
−4.5 V
Tch - Channel Temperature -
°C
10
100
1000
10000
-0.1
-1
-10
-100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
-0.1
-1
-10
-100
tr
td(off)
td(on)
tf
VDD =
−20 V
VGS =
−4.5 V
RG = 0
Ω
ID - Drain Current - A
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
0
5
10
15
20
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
-4
-4.5
VDS
ID =
−15 A
VGS
VDD =
−32 V
−20 V
−8 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
-0.01
-0.1
-1
-10
-100
0
0.5
1
1.5
Pulsed
−4.5 V
VGS = 0 V
−2.5 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
-0.1
-1
-10
-100
VGS = 0 V
di/dt =
−100 A/μs
IF - Diode Forward Current - A


Numéro de pièce similaire - N0400P_12

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
N0400P RENESAS-N0400P_15 Datasheet
232Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com