Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1070PIDTL-E Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce 2SK1070PIDTL-E
Description  Silicon N-Channel Junction FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1070PIDTL-E Fiches technique(HTML) 3 Page - Renesas Technology Corp

  2SK1070PIDTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1070PIDTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1070PIDTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1070PIDTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1070PIDTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1070PIDTL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK1070
Preliminary
R07DS0282EJ0300 Rev.3.00
Page 3 of 4
Mar 28, 2011
Input Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
100
50
20
10
5
2
1
0.1
0.5
2
10
0.2
1.0
5
f = 1 MHz
VGS = 0
Reverse Transfer Capacitance
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
f = 1 MHz
VGS = 0
100
50
20
10
5
2
1
0.1
0.2
1.0
5
10
0.5
2
Noise Figure vs.
Signal Source Resistance
Signal Source Resistance Rg (Ω)
VDS = 5 V
ID = 1 mA
f = 1 kHz
12
10
8
6
4
2
0
10
100
1 k
10 k
100 k
Noise Figure vs. Frequency
Frequency f (Hz)
VDS = 5 V
ID = 1 mA
Rg = 1 k
Ω
12
10
8
6
4
2
0
10
100
1 k
10 k
100 k
Forward Transfer Admittance
vs. Gate to Source Voltage
Gate to Source Voltage VGS (V)
50
40
30
20
10
0
–1.25
–1.0
–0.5
–0.25
0
–0.75
VDS = 5 V
f = 1 kHz
Gate Cutoff Current
vs. Gate to Source Voltage
Gate to Source Voltage VGS (V)
1,000
100
10
1.0
0.1
0
–10
–30
–50
–20
–40
VDS = 0


Numéro de pièce similaire - 2SK1070PIDTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK1070PIDTL-E RENESAS-2SK1070PIDTL-E Datasheet
58Kb / 5P
   Silicon N-Channel Junction FET
More results

Description similaire - 2SK1070PIDTL-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com