Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLE-0000366 Fiches technique(PDF) 4 Page - Everlight Electronics Co., Ltd

No de pièce DLE-0000366
Description  Popular T-1 3/4 round package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0000366 Fiches technique(HTML) 4 Page - Everlight Electronics Co., Ltd

  DLE-0000366 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0000366 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DATASHEET
LAMP
334-15/T2C5-1MQB
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : May.03,2013. Issue No: DLE-0000366_Rev.5
www.everlight.com
CIE Chromaticity Diagram
Color Ranks (IF=20mA,
,Ta=25)
Color Ranks
CIE
A1
X
0.255
0.264
0.28
0.27
Y
0.245
0.267
0.248
0.23
A0
X
0.264
0.283
0.296
0.28
Y
0.267
0.305
0.267
0.248
B3
X
0.283
0.304
0.307
0.287
Y
0.305
0.33
0.315
0.295
B4
X
0.304
0.33
0.33
0.307
Y
0.33
0.36
0.339
0.315
B5
X
0.287
0.307
0.311
0.296
Y
0.295
0.315
0.294
0.276
B6
X
0.307
0.33
0.33
0.311
Y
0.315
0.339
0.318
0.294
C0
X
0.33
0.361
0.355
0.33
Y
0.36
0.385
0.35
0.318
Note:
Measurement uncertainty of the color coordinates
:±0.01
0 .0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
0 .7
0 .0
0 .2
0 .4
0 .6
0 .8
46 00 K
56 00 K
70 00 K
9 0 00 K
14 00 0K
22 00 0K
B 4
C O
B 5
B 3
A O
A 1
B 6
C IE -X


Numéro de pièce similaire - DLE-0000366

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
DLE-0000360 EVERLIGHT-DLE-0000360 Datasheet
383Kb / 12P
   Popular T-1 3/4 round package
More results

Description similaire - DLE-0000366

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA_11 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
334-15-T2C1-1UWB_V2 EVERLIGHT-334-15-T2C1-1UWB_V2 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C3-1RTB EVERLIGHT-334-15-T2C3-1RTB Datasheet
259Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C3-7TVA EVERLIGHT-334-15-T1C3-7TVA Datasheet
364Kb / 12P
   Popular T-1 3/4 round package
334-15-T2C1-2UWC EVERLIGHT-334-15-T2C1-2UWC Datasheet
279Kb / 12P
   Popular T-1 3/4 round package
7383-R7C3-ARUB-MS EVERLIGHT-7383-R7C3-ARUB-MS Datasheet
224Kb / 10P
   Popular T-1 3/4 round package.
334-15-T1C5-4PRA EVERLIGHT-334-15-T1C5-4PRA_11 Datasheet
336Kb / 12P
   Popular T-1 3/4 round package.
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
334-15-T2C3-4RTB EVERLIGHT-334-15-T2C3-4RTB Datasheet
269Kb / 12P
   Popular T-1 3/4 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com