Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLE-0001743 Fiches technique(PDF) 8 Page - Everlight Electronics Co., Ltd

No de pièce DLE-0001743
Description  Popular T-1 round package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0001743 Fiches technique(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button DLE-0001743 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 9Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 10Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 11Page - Everlight Electronics Co., Ltd DLE-0001743 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Technical Data Sheet
264-15/T2C4-2NRA
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 8 of 12
Device Number: DLE-0001743
Established date:11-23-2010
Established by: Ruby Lin
Pb
ELECTROSTATIC ELECTRONAGNETIC
MAGNETIC OR RADIOACTIVE RELDS
anti-static for 750
Label
Packing Specification
Anti-electrostatic bag
Inner Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks of Luminous Intensity and Forward Voltage
HUE: Color Rank
Outside Carton
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Packing Quantity
1. 1000 PCS/1 Bag,5 Bags/1 Inner Carton
2. 10 Inner Cartons/1 Outside Carton


Numéro de pièce similaire - DLE-0001743

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
DLE-0001710 EVERLIGHT-DLE-0001710 Datasheet
121Kb / 6P
   5.0mm Round Type LED Lamps
More results

Description similaire - DLE-0001743

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
204-15-T2C3-2LQA EVERLIGHT-204-15-T2C3-2LQA Datasheet
384Kb / 12P
   Popular T-1 round package
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA_09 Datasheet
386Kb / 12P
   Popular T-1 round package
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_08 Datasheet
257Kb / 11P
   Popular T-1 round package
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA Datasheet
394Kb / 12P
   Popular T-1 round package
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA_09 Datasheet
407Kb / 12P
   Popular T-1 round package
204-15-T2C3-4NQA EVERLIGHT-204-15-T2C3-4NQA Datasheet
380Kb / 12P
   Popular T-1 round package
1224UTC-S400-A6 EVERLIGHT-1224UTC-S400-A6 Datasheet
213Kb / 11P
   Popular T-1 round package
EALP03RDFWA0 EVERLIGHT-EALP03RDFWA0 Datasheet
297Kb / 10P
   Popular T-1 round package
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com