Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

986-0034 Fiches technique(PDF) 1 Page - Honeywell Accelerometers

No de pièce 986-0034
Description  High-flexibility triax mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL-ACC [Honeywell Accelerometers]
Site Internet  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

986-0034 Fiches technique(HTML) 1 Page - Honeywell Accelerometers

  986-0034 Datasheet HTML 1Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Q-Flex
® Multi-Axis
Accelerometer
High-flexibility triax mount
The Q-Flex Multi-Axis Accelerometer provides an orthogonal
reference with a common center of percussion for up to three
accelerometers. The triaxial accelerometer mount is
designed to be simple and accept nearly all of the Q-Flex
accelerometers.
The design objective is to provide a three-axis integration
level that is cost-effective for a variety of applications. The
unit is ready to use with three axes of precision scaled analog
outputs.
A common board assembly provides voltage output scaling
dynamic filtering, and bias trim for the customer’s unique
requirements.
Options
986-003X-0YY Part Numbering
Features
High flexibility triax mount
QA-650 to QA-3100 performance
Current output or 5 standard scale
factors from 0.25 V/g to 5.0 V/g Bias
trimmed to <1% bias trimmed to
<1mg.
Dynamic filtering and over-ranging
Temperature sensor output
Dual built-in-test
25 pin D-Submarine Interface
Triax Voltage Output
Temperature Modeling for
Bias
Scale Factor
Axis Misalignment
Biax Configuration
Improved performance,
different scaling and
interface configurations are
available.
-003X
-0030
-0031
-0032
-0033
-0034
-0035
-0036
Voltage Scale Factor
Current Output
0.25 V/g
0.5 V/g
1.0 V/g
2.5 V/g
5.0 V/g
Special
fc Dynamic Filter -3dB
500 Hz
250 Hz
125 Hz
50Hz
25Hz
ISO-9001 Certification Since 1995
DISCLAIMER: Specifications are subject to change without notice. Honeywell reserves the
right to make changes to any product or technology herein to improve reliability, function, or
design. Honeywell does not assume any liability arising out of the application or use of the
product.
Accelerometers exported from the United States must be done in accordance with the Export
Administration Regulations (EAR) and/or the International Traffic in Arms Regulations (ITAR)
as applicable.
Find out more:
www.inertialsensor.com
Defense & Space Redmond
Honeywell International, Inc.
MAIL ADDRESS: P.O. Box 97001
15001 N.E. 36
th Street
Redmond, Washington 98073-9701
PHONE: 888 206 1667
FAX: 425 883 2104
www.honeywell.com
EXP035, August 2005
Copyright © 2004, Honeywell
International Inc. All Rights
Reserved. Printed in USA


Numéro de pièce similaire - 986-0034

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
9860 INTEL-9860 Datasheet
1Mb / 118P
   Advanced 10/100 Repeater with Intergrated Management
logo
3M Electronics
9860 3M-9860 Datasheet
48Kb / 2P
   3MTM Single Coated Medical Tape
9860-NLM0 3M-9860-NLM0 Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
9860-NLMR 3M-9860-NLMR Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
9860-NSM0 3M-9860-NSM0 Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
More results

Description similaire - 986-0034

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE91105 PASTERNACK-PE91105 Datasheet
434Kb / 4P
   Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter
logo
Winchester Electronics ...
SD1945-4-9 WINCHESTER-SD1945-4-9 Datasheet
87Kb / 1P
   TNC TRIAX PLUG
SD1965-15-9 WINCHESTER-SD1965-15-9 Datasheet
57Kb / 1P
   BNC TRIAX PLUG
logo
Pasternack Enterprises,...
PE91107 PASTERNACK-PE91107 Datasheet
430Kb / 4P
   BNC Triax Female to BNC Triax Female Adapter, 3 Lug
logo
Guangdong Youtai Semico...
LM311 UMW-LM311 Datasheet
1Mb / 7P
   High flexibility voltage comparator
logo
Winchester Electronics ...
SD1965-2 WINCHESTER-SD1965-2 Datasheet
95Kb / 1P
   BNV TRIAX PLUG
SD1965-3-9 WINCHESTER-SD1965-3-9 Datasheet
91Kb / 1P
   BNC TRIAX PLUG
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
Q7M110 AXIOMTEK-Q7M110 Datasheet
185Kb / 1P
   High flexibility Qseven v1.2 compliant design
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com