Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA35S280-SI Fiches technique(PDF) 6 Page - Kasin Electronics Corporation

No de pièce KA35S280-SI
Description  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KASIN [Kasin Electronics Corporation]
Site Internet  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-SI Fiches technique(HTML) 6 Page - Kasin Electronics Corporation

Back Button KA35S280-SI Datasheet HTML 2Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 3Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 4Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 5Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 9Page - Kasin Electronics Corporation KA35S280-SI Datasheet HTML 10Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
6
IMAX
Fast charge current specified as a function of
“C,” the capacity of the battery in
Ampere-hours (e.g., a charge rate of 1C for a 5Ah battery is 5A). Typical values
range from C/10 to C, although some battery vendors may approve higher
charge rates.
The KA35S28X monitors battery pack voltage at the VBAT pin. A voltage divider between the
positive and negative terminals of the battery pack is used to present a scaled battery pack
voltage to the VBAT pin. The KA35S28X also uses the voltage across a sense resistor (RSNS)
between the negative terminal of the battery pack and ground to monitor current. See
Figure 3 and below equations for the configuration of this network.
Equation 1:
And IMAX is determined by:
Equation 2:
Where:
N = Number of series cells in the battery pack
IMAX = Desired maximum charge current
RB1
RB2
KA35S28X
BAT-
BAT+
R SNS
VBAT
I BAT
Figure 3 - Configuring the Battery Divider
The KA35S28X internal band-gap reference voltage at 25°C is 2.2V. This reference shifts
with temperature at -3.9mV/°C to compensate for the negative temperature coefficient of
lead-acid chemistry.
The total resistance presented by the divider between BAT+ and BAT- (RB1 + RB2) should
be between 10
0KΩ and 1MΩ. The minimum value ensures that the divider network does
not drain the battery excessively when the power source is disconnected. Exceeding the
maximum value increases the noise susceptibility of the VBAT pin. 1% resistors are
recommended.
Table 6 shows the several examples of resistor selections.
Table 6
– RB
1, RB2 Values by Number of Cells and RSNS by Desired IMAX
N
RB1 (KΩ)
RB2 (KΩ)
IMAX
RSNS (Ω)
3 (6V)
57KΩ
33KΩ
0.5
0.4
6 (12V)
147KΩ
33KΩ
1A
0.2
12 (24V)
327KΩ
33KΩ
1.5A
0.13


Numéro de pièce similaire - KA35S280-SI

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Description similaire - KA35S280-SI

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com