Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ380 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce BUZ380
Description  SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ380 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  BUZ380 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ380 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 380
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
5.5
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
22
Inverse diode forward voltage
VGS = 0 V, IF = 11 A
VSD
-
1.25
1.6
V
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/µs
trr
-
150
220
ns
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
0.6
0.9
µC


Numéro de pièce similaire - BUZ380

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUZ380 ISC-BUZ380 Datasheet
348Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - BUZ380

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ384 SIEMENS-BUZ384 Datasheet
157Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com