Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD104BNP-220MC Fiches technique(PDF) 5 Page - Sumida Corporation

No de pièce CD104BNP-220MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104BNP-220MC Fiches technique(HTML) 5 Page - Sumida Corporation

  CD104BNP-220MC Datasheet HTML 1Page - Sumida Corporation CD104BNP-220MC Datasheet HTML 2Page - Sumida Corporation CD104BNP-220MC Datasheet HTML 3Page - Sumida Corporation CD104BNP-220MC Datasheet HTML 4Page - Sumida Corporation CD104BNP-220MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Revised: 9-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD104B
0
200
400
600
800
1000
1200
0.0 0.1 0.2 0.3 0.4 0.5
0
10
20
30
40
50
60
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
sales@jp.sumida.com
San Jose
Singapore
Seoul
Tokyo
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6688
FAX.+852-2565-9600
sales@hk.sumida.com
25. CD104BNP-102MC
△T (℃)
L (
μH)
DC (A)
Saturation Current & Temperature Rise Graph
L (25
℃)
△T
L (125
℃)


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn