Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD104BNP-270MC Datasheet(Fiches technique) 2 Page - Sumida Corporation

Numéro de pièce CD104BNP-270MC
Description  SMD Power Inductor
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104BNP-270MC Datasheet(HTML) 2 Page - Sumida Corporation

  CD104BNP-270MC Datenblatt HTML 1Page - Sumida Corporation CD104BNP-270MC Datasheet HTML 2Page - Sumida Corporation CD104BNP-270MC Datenblatt HTML 3Page - Sumida Corporation CD104BNP-270MC Datenblatt HTML 4Page - Sumida Corporation CD104BNP-270MC Datenblatt HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 9-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD104B
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Heating current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.39
0.22
0.34
3.08(2.57)
1.0mH
±20%
102M
CD104BNP-102MC
0.43
0.24
0.38
2.49(2.07)
820
μH±20%
821M
CD104BNP-821MC
0.46
0.26
0.40
2.20(1.83)
680
μH±20%
681M
CD104BNP-681MC
0.49
0.27
0.41
1.91(1.59)
560
μH±20%
561M
CD104BNP-561MC
0.55
0.30
0.46
1.61(1.34)
470
μH±20%
471M
CD104BNP-471MC
0.60
0.34
0.51
1.27(1.06)
390
μH±20%
391M
CD104BNP-391MC
0.64
0.37
0.56
1.14(908.8m)
330
μH±20%
331M
CD104BNP-331MC
0.69
0.40
0.58
984.3m(787.4m)
270
μH±20%
271M
CD104BNP-271MC
0.75
0.44
0.65
747.0m(597.6m)
220
μH±20%
221M
CD104BNP-221MC
0.78
0.49
0.74
644.5m(515.6m)
180
μH±20%
181M
CD104BNP-181MC
0.88
0.52
0.80
520.8m(416.6m)
150
μH±20%
151M
CD104BNP-151MC
0.98
0.59
0.91
415.8m(332.6m)
120
μH±20%
121M
CD104BNP-121MC
1.30
0.68
1.05
340.8m(272.6m)
100
μH±20%
101M
CD104BNP-101MC
1.45
0.74
1.16
274.8m(219.8m)
82
μH±20%
820M
CD104BNP-820MC
1.55
0.84
1.25
235.3m(188.2m)
68
μH±20%
680M
CD104BNP-680MC
1.70
0.91
1.36
199.3m(159.4m)
56
μH±20%
560M
CD104BNP-560MC
1.80
1.00
1.52
175.8m(140.6m)
47
μH±20%
470M
CD104BNP-470MC
2.10
1.07
1.64
139.5m(111.6m)
39
μH±20%
390M
CD104BNP-390MC
2.30
1.18
1.80
114.3m(91.4m)
33
μH±20%
330M
CD104BNP-330MC
2.48
1.24
2.01
96.1m(76.8m)
27
μH±20%
270M
CD104BNP-270MC
2.50
1.44
2.24
83.9m(67.1m)
22
μH±20%
220M
CD104BNP-220MC
2.76
1.52
2.32
77.8m(62.2m)
18
μH±20%
180M
CD104BNP-180MC
2.90
1.72
2.56
67.0m(53.6m)
15
μH±20%
150M
CD104BNP-150MC
3.20
1.92
2.88
56.3m(45.0m)
12
μH±20%
120M
CD104BNP-120MC
3.30
2.05
3.12
51.6m(41.2m
10
μH±20%
100M
CD104BNP-100MC
(at 125
℃)
(at 25
℃)
Temperature
rise current
(
A) ※3
Saturation current
(A)
※2
D.C.R. (
Ω)
[Max.] (Typ.)
(at 25
℃)
Inductance
[Within]※1
Stamp
Part name.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn