Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD104BNP-270MC Datasheet(Fiches technique) 1 Page - Sumida Corporation

Numéro de pièce CD104BNP-270MC
Description  SMD Power Inductor
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104BNP-270MC Datasheet(HTML) 1 Page - Sumida Corporation

  CD104BNP-270MC Datasheet HTML 1Page - Sumida Corporation CD104BNP-270MC Datenblatt HTML 2Page - Sumida Corporation CD104BNP-270MC Datenblatt HTML 3Page - Sumida Corporation CD104BNP-270MC Datenblatt HTML 4Page - Sumida Corporation CD104BNP-270MC Datenblatt HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 9-Mar-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD104B
Description
• Ferrite core construction.
• Magnetically unshielded.
• L
×W×H: 10.3×9.3×4.3 mm Max.
• Product weight:1.2 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Qualified to AEC-Q200.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
Applications
• Automotive and other high temperature, high
reliability application.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn