Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ311 Fiches technique(PDF) 8 Page - Siemens Semiconductor Group

No de pièce BUZ311
Description  SIPMOS Power Transistor (N channel Enhancement mode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ311 Fiches technique(HTML) 8 Page - Siemens Semiconductor Group

  BUZ311 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ311 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
07/96
BUZ 311
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 4 A
0
10
20
30
40
50
nC
65
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
900
920
940
960
980
1000
1020
1040
1060
1080
1100
1120
1140
1160
V
1200
V
(BR)DSS


Numéro de pièce similaire - BUZ311

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUZ311 ISC-BUZ311 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - BUZ311

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
SPD09P06PL INFINEON-SPD09P06PL_08 Datasheet
1Mb / 9P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
IPI47N10S-33 INFINEON-IPI47N10S-33 Datasheet
2Mb / 8P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
2006-02-14
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com