Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ271 Fiches technique(PDF) 7 Page - Siemens Semiconductor Group

No de pièce BUZ271
Description  SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ271 Fiches technique(HTML) 7 Page - Siemens Semiconductor Group

  BUZ271 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
07/96
Semiconductor Group
BUZ 271
Drain-source on-resistance
RDS (on) = ƒ(Tj)
parameter:
I
D = -14 A, VGS = -10 V
-60
-20
20
60
100
°C
160
T
j
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.36
R
DS (on)
typ
98%
Gate threshold voltage
VGS (th) = ƒ(Tj)
parameter:
V
GS = VDS, ID = 1 mA
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
-3.2
-3.6
-4.0
V
-4.6
V
GS(th)
-60
-20
20
60
100
°C
160
T
j
2%
typ
98%
Typ. capacitances
C = f (VDS)
parameter:
VGS = 0V, f = 1MHz
0
-5
-10
-15
-20
-25
-30
V
-40
V
DS
-2
10
-1
10
0
10
1
10
nF
C
C
rss
C
iss
C
oss
Forward characteristics of reverse diode
IF = ƒ(VSD)
parameter:
T
j, tp = 80 µs
-1
-10
0
-10
1
-10
2
-10
A
I
F
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
V
-3.0
V
SD
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)


Numéro de pièce similaire - BUZ271

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUZ271 ISC-BUZ271 Datasheet
325Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Description similaire - BUZ271

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ172 SIEMENS-BUZ172 Datasheet
184Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ171 SIEMENS-BUZ171 Datasheet
189Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ173 SIEMENS-BUZ173 Datasheet
180Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ272 SIEMENS-BUZ272 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com