Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ271 Fiches technique(PDF) 6 Page - Siemens Semiconductor Group

No de pièce BUZ271
Description  SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ271 Fiches technique(HTML) 6 Page - Siemens Semiconductor Group

  BUZ271 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ271 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 271
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0
-2
-4
-6
-8
V
-12
V
DS
0
-5
-10
-15
-20
-25
-30
-35
-40
A
-50
I
D
V
GS
[V]
a
a
-4.0
b
b
-4.5
c
c
-5.0
d
d
-5.5
e
e
-6.0
f
f
-6.5
g
g
-7.0
h
h
-7.5
i
i
-8.0
j
j
-9.0
k
k
-10.0
l
Ptot = 125W
l
-20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
V
GS
0
-4
-8
-12
-16
A
-24
I
D
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.45
R
DS (on)
VGS [V] =
a
-4.0
VGS [V] =
a
-4.5
VGS [V] =
a
a
-5.0
b
b
-5.5
c
c
-6.0
d
d
-6.5
e
e
-7.0
f
f
-7.5
g
g
-8.0
h
h
-9.0
i
i
-10.0
j
j
-20.0
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
-1
-2
-3
-4
-5
-6
-7
-8
V
-10
V
GS
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
A
-24
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0
-4
-8
-12
-16
A
-22
I
D
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S
6.0
g
fs


Numéro de pièce similaire - BUZ271

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUZ271 ISC-BUZ271 Datasheet
325Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Description similaire - BUZ271

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ172 SIEMENS-BUZ172 Datasheet
184Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ171 SIEMENS-BUZ171 Datasheet
189Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ173 SIEMENS-BUZ173 Datasheet
180Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ272 SIEMENS-BUZ272 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com