Moteur de recherche de fiches techniques de composants électroniques |
|
KRC104 Fiches technique(PDF) 1 Page - KEC(Korea Electronics) |
|
KRC104 Fiches technique(HTML) 1 Page - KEC(Korea Electronics) |
1 / 6 page 2011. 7. 26 1/6 SEMICONDUCTOR TECHNICAL DATA KRC101~KRC106 EPITAXIAL PLANAR NPN TRANSISTOR Revision No : 2 SWITCHING APPLICATION. INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION. FEATURES ・With Built-in Bias Resistors. ・Simplify Circuit Design. ・Reduce a Quantity of Parts and Manufacturing Process. 1. EMITTER 2. COLLECTOR 3. BASE TO-92 DIM MILLIMETERS A B C D F G H J K L 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 MAX 2.30 D 1 2 3 B K G H F F E C E N 0.45 MAX M 1.00 N +_ EQUIVALENT CIRCUIT MAXIMUM RATING (Ta=25 ℃) BIAS RESISTOR VALUES R1 R2 COMMON OUT IN TYPE NO. R1(k Ω) R2(k Ω) KRC101 4.7 4.7 KRC102 10 10 KRC103 22 22 KRC104 47 47 KRC105 2.2 47 KRC106 4.7 47 CHARACTERISTIC SYMBOL RATING UNIT Output Voltage KRC101 ~106 VO 50 V Input Voltage KRC101 VI 20, -10 V KRC102 30, -10 KRC103 40, -10 KRC104 40, -10 KRC105 12, -5 KRC106 20, -5 Output Current KRC101 ~106 IO 100 mA Power Dissipation PD 625 mW Junction Temperature Tj 150 ℃ Storage Temperature Range Tstg -55 ~150 ℃ |
Numéro de pièce similaire - KRC104 |
|
Description similaire - KRC104 |