Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA78Q000S Fiches technique(PDF) 6 Page - KEC(Korea Electronics)

No de pièce KIA78Q000S
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78Q000S Fiches technique(HTML) 6 Page - KEC(Korea Electronics)

  KIA78Q000S Datasheet HTML 1Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 2Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 3Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 4Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 5Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 6Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2004. 10. 28
6/7
KIA78Q000S/F~KIA78Q050S/F
Revision No : 0
0
0.8
1
0.2
0.4
0.6
Fig. 4 VREF - Tj
0
125
25
50
100
JUNCTION TEMPERATURE Tj ( C)
1.25
1.0
1.5
1.75
2.0
OUTPUT CURRENT IOUT (A)
Fig. 3 VD - IOUT
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
75
150
1.210
1.215
1.220
1.225
1.230
1.240
1.245
1.250
1.255
1.260
-50
Fig. 5 IOUT(MIN) - Tj
0
1
2
3
4
5
-25
125
100
75
50
25
0
150
JUNCTION TEMPERATURE Tj ( C)
-75
Fig. 6 IADJ - Tj
-50
125
100
75
50
0
-25
150
JUNCTION TEMPERATURE Tj ( C)
0
10
20
30
40
50
60
70
80
90
100
KIA78Q000S/F Only
Fig. 7 ISC - Tj
25
-50
125
100
75
50
0
-25
150
JUNCTION TEMPERATURE Tj ( C)
100K
10K
1K
10
FREQUENCY f (Hz)
100
V
IN=VOUT+3V
0.5 < V
RIPPLE < 2V
I
OUT = 0.8A
0
10
20
30
40
50
60
70
80
90
Fig.8 R.R-f
Tj=25 C
Tj=125 C
Tj=0 C


Numéro de pièce similaire - KIA78Q000S

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78Q000PI KEC-KIA78Q000PI Datasheet
63Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA78Q000S

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com