Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA78MR25PI Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KIA78MR25PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78MR25PI Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KIA78MR25PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78MR25PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78MR25PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78MR25PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78MR25PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2002. 1. 9
1/5
SEMICONDUCTOR
TECHNICAL DATA
KIA78MR18PI~KIA78MR37PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
4 TERMINAL LOW DROP VOLTAGE REGULATOR
The KIA78MR×× series are Low Drop Voltage
Regulator suitable for various electronic equipments.
It provides constant voltage power source with TO-220
4 terminal lead full molded PKG.
The Regulator has multi function such as over current
protection, overheat protection and ON/OFF control.
FEATURES
・0.5A Output Low Drop Voltage Regulator.
・Built in ON/OFF Control Terminal.
・Built in Over Current Protection, Over Heat
Protection Function.
A
L
D
M
1
2
3
4
1
2
3
4
DC INPUT (V )
DC OUTPUT (V )
GND
ON/OFF CONTROL
IN
O
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
8
5
C
E
H
L
V
V
U
T
K
O
R
S
P
+_
+_
+_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
MAXIMUM RATING (Ta=25℃)
LINE UP
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
* KIA78MR18PI
1.8
V
* KIA78MR25PI
2.5
* KIA78MR30PI
3.0
* KIA78MR33PI
3.3
* KIA78MR35PI
3.5
* KIA78MR37PI
3.7
CHARACTERISTIC
SYMBOL
RATING
UNIT
Remark
Input Voltage
VIN
35
V
-
ON/OFF Control Voltage
VC
35
V
-
Output Current
IO
0.5
A
-
Power Dissipation 1
Pd1
1.5
W
No heatsink
Power Dissipation 2
Pd2
15
W
with heatsink
Junction Temperature
Tj
125
-
Operating Temperature
Topr
-20~80
-
Storage Temperature
Tstg
-30~125
-
Soldering Temperature (10sec)
Tsol
260
-
Note) * : Under development


Numéro de pièce similaire - KIA78MR25PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR06PI KEC-KIA78MR06PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR08PI KEC-KIA78MR08PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR09PI KEC-KIA78MR09PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78MR10PI KEC-KIA78MR10PI Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA78MR25PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com