Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUZ173 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BUZ173
Description  SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ173 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BUZ173 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ173 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 173
SIPMOS ® Power Transistor
• P channel
• Enhancement mode
• Avalanche rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 173
-200 V
-3.6 A
1.5
TO-220 AB
C67078-S1452-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 30 °C
ID
-3.6
A
Pulsed drain current
TC = 25 °C
IDpuls
-14
Avalanche energy, single pulse
ID = -3.6 A, VDD = -25 V, RGS = 25 Ω
L = 23 mH, Tj = 25 °C
EAS
200
mJ
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
40
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 3.1
K/W
Thermal resistance, chip to ambient
RthJA
≤ 75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Numéro de pièce similaire - BUZ173

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUZ173 ISC-BUZ173 Datasheet
326Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Description similaire - BUZ173

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BUZ172 SIEMENS-BUZ172 Datasheet
184Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ171 SIEMENS-BUZ171 Datasheet
189Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ271 SIEMENS-BUZ271 Datasheet
129Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BUZ272 SIEMENS-BUZ272 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (P channel Enhancement mode Avalanche rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com