Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1948MC Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LB1948MC
Description  Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1948MC Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LB1948MC Datasheet HTML 1Page - Sanyo Semicon Device LB1948MC Datasheet HTML 2Page - Sanyo Semicon Device LB1948MC Datasheet HTML 3Page - Sanyo Semicon Device LB1948MC Datasheet HTML 4Page - Sanyo Semicon Device LB1948MC Datasheet HTML 5Page - Sanyo Semicon Device LB1948MC Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LB1948MC
PS No.A2015-6/6
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
0
40
80
120
20
60
100
140
VCC = 12V
High side and Low side
IO=
400mA
300mA
200mA
100mA
VO(sat) -- Ta
-20
-40
Ambient temperature, Ta --
°C
This catalog provides information as of March, 2012. Specifications and information herein are subject
to change without notice.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.


Numéro de pièce similaire - LB1948MC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-BH ONSEMI-LB1948MC-BH Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
More results

Description similaire - LB1948MC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
logo
Sanyo Semicon Device
LV8548MC SANYO-LV8548MC Datasheet
170Kb / 6P
   Bi-CMOS integrated circuit 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
LB1948M SANYO-LB1948M Datasheet
60Kb / 6P
   Low saturation voltage drive forward/reverse 12 V motor driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com