Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6583MC Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA6583MC
Description  Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6583MC Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA6583MC Datasheet HTML 1Page - Sanyo Semicon Device LA6583MC Datasheet HTML 2Page - Sanyo Semicon Device LA6583MC Datasheet HTML 3Page - Sanyo Semicon Device LA6583MC Datasheet HTML 4Page - Sanyo Semicon Device LA6583MC Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA6583MC
No.A2034-2/5
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
15
V
Output current
IOUT max
0.8
A
Output withstand voltage
VOUT max
15
V
RD/FG output withstand
VRD/FG max
15
V
RD/FG output current
IRD/FG max
5
mA
HB output current
IB max
10
mA
Allowable dissipation
Pd max
Mounted on a specified board *1
800
mW
Operating temperature
Topr
*2
-30 to +100
°C
Storage temperature
Tstg
-55 to +150
°C
*1: Mounted on a specified board: 114.3mm
× 76.1mm × 1.6mm glass epoxy
*2: Tj = 150°C Use this IC within a range where the chip temperature does not exceed Tj = 150 C during operation.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high
current, high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.8 to 14.0
V
Common-phase input voltage range of Hall input
VICM
0 to VCC-1.5
V
Electrical Characteristics at Ta = 25
°C, VCC = 12.0V, unless especially specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit Current
ICC1
During drive (CT=L)
4
6
9
mA
ICC2
At lock protection (CT=H)
2
4
6
mA
Lock detection capacitor charge current
ICT1
2.0
2.8
3.5
μA
Capacitor discharge current
ICT2
0.15
0.23
0.30
μA
Capacitor charge/discharge current ratio
RCT
RCT=ICT1/ICT2
9
12
15
-
CT charge voltage
VCT1
1.6
1.7
1.8
V
CT discharge voltage
VCT2
0.6
0.7
0.8
V
OUT output L saturation voltage
VOL
IO=200mA
0.2
0.3
V
OUT output H saturation voltage
VOH
IO=200mA
0.9
1.2
V
Hall input sensitivity
VHN
Zero peak value
(Including offset and hysteresis)
7
15
mV
RD/FG output pin L voltage
VRD/FG
IRD/FG=5mA
0.1
0.2
V
RD/FG output pin leak current
IRD/FGL
VRD/FG=15V
1
30
μA
HB output voltage
VHB
IHB=5mA
1.3
1.5
1.7
V
Thermal protection circuit
TSD
Design target value *3
150
180
210
°C
*3: This is a design guarantee value and no measurement with an independent unit is made.
Thermal protection circuit is built in this IC for the prevention of burnout of IC and thermal destruction.
But, since the operation is outside the guarantee temperature range, thermal design must be made so that the thermal
protection circuit is not activated during normal fan operation.


Numéro de pièce similaire - LA6583MC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LA6583MC ONSEMI-LA6583MC Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
LA6583MC ONSEMI-LA6583MC Datasheet
188Kb / 8P
   Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
February, 2018 ??Rev. 1
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
188Kb / 8P
   Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
February, 2018 ??Rev. 1
LA6583MC-W-AH ONSEMI-LA6583MC-W-AH Datasheet
188Kb / 8P
   Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
February, 2018 ??Rev. 1
More results

Description similaire - LA6583MC

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL Datasheet
66Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T Datasheet
64Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6585T SANYO-LA6585T Datasheet
62Kb / 4P
   Monolithic Linear IC BTL Drive Single-Phase Full-Wave Fan Motor Driver
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581U SANYO-LA6581U Datasheet
71Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6586T SANYO-LA6586T Datasheet
124Kb / 8P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581T SANYO-LA6581T_09 Datasheet
75Kb / 4P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com