Moteur de recherche de fiches techniques de composants électroniques |
|
GS220 Fiches technique(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
GS220 Fiches technique(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 2 page SPECIFICATION ORDERNO. DCVOLTAGE Note.2 SAFETY MODEL NO. RATEDCURRENT CURRENTRANGE RATEDPOWER (max.) RIPPLE&NOISE(max.) Note.3 OUTPUT VOLTAGERANGE Note.8 FREQUENCY RANGE POWERFACTOR(Typ.) EFFICIENCY (Typ.) ACCURRENT(Typ.) INPUT ENVIRONMENT INRUSHCURRENT(max.) LEAKAGECURRENT(max.) SAFETY STANDARDS SAFETY & EMC (Note.6) WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING PROTECTION GS220A15 GS220A15-R7B GS220A12 GS220A12-R7B GS220A20 GS220A20-R7B GS220A24 GS220A24-R7B GS220A48 GS220A48-R7B 15V 12V 20V 24V 48V 100mVp-p 80mVp-p 150mVp-p 180mVp-p 240mVp-p VOLTAGETOLERANCE Note.4 LINEREGULATION Note.5 LOADREGULATION 5.0% 5.0% 4.0% 3.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 5.0% 5.0% 4.0% 3.0% 2.0% 90~264VAC127~370VDC 47~63Hz PF>0.91/230VACPF>0.98/115VACatfullload 90% 90% 92% 93.5% 94.5% 4A /115VAC2A /230VAC 120A /230VAC 1.5mA /240VAC WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVAC I/P-O/P /25 /70%RH :100MOhms/500VDC 191.3Khrsmin.MIL-HDBK-217F(25 ) -30~+60 (Referto"DeratingCurve") 20%~90%RHnon-condensing -40~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes 210*85*46mm(L*W*H) 1.1Kg;12pcs/14.2Kg/0.73CUFT CONNECTOR PLUG CABLE Seepage2 thertypeavailablebycustomerrequested ;O Seepage2 thertypeavailablebycustomerrequested ;O 1. All parameters are specified at 230VAC input, rated load, 25 70% RH ambient. 2. DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4. Tolerance: includes set up tolerance, line regulation, load regulation. 5. Line regulation is measured from low line to high line at rated load. 6. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the EMC directives. 7. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time. 8. Derating may be needed under low input voltage. Please check the derating curve for more details. 220W AC-DCSingleOutputDesktop G S 2 2 0 series Features : CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A OVERLOAD OVERVOLTAGE 105~135% ratedoutputpower Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved 105~135%ratedoutputvoltage 13.4A 15A 11A 9.2A 4.6A 0~13.4A 0~15A 0~11A 0~9.2A 0~4.6A 201W 180W 220W 221W 221W Protectiontype: Shutdowno/pvoltage,re-powerontorecover UL60950-1, TUVEN60950-1,BSMICNS14336,CCCGB4943, approved J60950-1(exceptfor48V) CompliancetoEN55022 , FCCPART 15 /CISPR22classB classB EN61000-3-2,3, classB ,CNS13438classB,GB9254classB,GB17625.1 Universal AC input / Full range 3 pole AC inlet IEC320-C14 Protections: Short circuit / Overload / Over voltage / Over temperature Fully enclosed plastic case Approvals: UL / CUL / PSE / TUV / BSMI / CCC / CB / FCC / CE Class power (with earth pin) LED indicator for power on No load power consumption<0.5W ErP step2 compliant NRCan compliant Meet EISA 2007 (Energy Independence and Security Act) 2 years warranty Built-in active PFC function, PF>0.91 FileName:GS220-SPEC 2012-03-06 SETUP,RISETIME Note.7 HOLDUP TIME (Typ.) 2000ms,20ms/230VAC2000ms,20ms/115VACatfullload 20ms/230VAC20ms/115VACatfullload OVERTEMPERATURE 95 5 (TSW1)detectonheatsinkofpowertransistor Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown TUV Rheinland ProductSafety geprUfre Sicherheit (except for 48V) EMCIMMUNITY EMCEMISSION |
Numéro de pièce similaire - GS220_12 |
|
Description similaire - GS220_12 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |