Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUZ10S2 Datasheet(Fiches technique) 4 Page - Siemens Semiconductor Group

Numéro de pièce BUZ10S2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ10S2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BUZ10S2 Datenblatt HTML 1Page - Siemens Semiconductor Group BUZ10S2 Datenblatt HTML 2Page - Siemens Semiconductor Group BUZ10S2 Datenblatt HTML 3Page - Siemens Semiconductor Group BUZ10S2 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ10S2 Datenblatt HTML 5Page - Siemens Semiconductor Group BUZ10S2 Datenblatt HTML 6Page - Siemens Semiconductor Group BUZ10S2 Datenblatt HTML 7Page - Siemens Semiconductor Group BUZ10S2 Datenblatt HTML 8Page - Siemens Semiconductor Group BUZ10S2 Datenblatt HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 10 S2
Not for new design
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
23
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
92
Inverse diode forward voltage
VGS = 0 V, IF = 46 A
VSD
-
1.5
1.9
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
trr
-
60
-
ns
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
0.1
-
µC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn