Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUZ104SL Datasheet(Fiches technique) 2 Page - Siemens Semiconductor Group

Numéro de pièce BUZ104SL
Description  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175°C operating temperature)
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ104SL Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BUZ104SL Datenblatt HTML 1Page - Siemens Semiconductor Group BUZ104SL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ104SL Datenblatt HTML 3Page - Siemens Semiconductor Group BUZ104SL Datenblatt HTML 4Page - Siemens Semiconductor Group BUZ104SL Datenblatt HTML 5Page - Siemens Semiconductor Group BUZ104SL Datenblatt HTML 6Page - Siemens Semiconductor Group BUZ104SL Datenblatt HTML 7Page - Siemens Semiconductor Group BUZ104SL Datenblatt HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
29/Jan/1998
BUZ 104 SL
SPP13N05L
Maximum Ratings
Parameter
Symbol
Values
Unit
Operating temperature
Tj
-55 ... + 175
°C
Storage temperature
Tstg
-55 ... + 175
Thermal resistance, junction - case
RthJC
4.3
K/W
Thermal resistance, junction - ambient
RthJA
62
IEC climatic category, DIN IEC 68-1
55 / 175 / 56
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 25 °C
V(BR)DSS
55
-
-
V
Gate threshold voltage
VGS=VDS, ID = 20 µA
VGS(th)
1.2
1.6
2
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
-
0.1
-
100
1
0.1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 4.5 V, ID = 8.8 A
VGS = 10 V, ID = 8.8 A
RDS(on)
-
-
0.062
0.105
0.07
0.12


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BUZ103SSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated dv/dt rated 175°C operating temperature 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ104SSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated dv/dt rated 175°C operating temperature 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ110SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ102ALSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ111SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ70LSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ102SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ11ALSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ31LSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ103ALSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn