Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUZ104S Datasheet(Fiches technique) 5 Page - Siemens Semiconductor Group

Numéro de pièce BUZ104S
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175°C operating temperature)
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ104S Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BUZ104S Datenblatt HTML 1Page - Siemens Semiconductor Group BUZ104S Datenblatt HTML 2Page - Siemens Semiconductor Group BUZ104S Datenblatt HTML 3Page - Siemens Semiconductor Group BUZ104S Datenblatt HTML 4Page - Siemens Semiconductor Group BUZ104S Datasheet HTML 5Page - Siemens Semiconductor Group BUZ104S Datenblatt HTML 6Page - Siemens Semiconductor Group BUZ104S Datenblatt HTML 7Page - Siemens Semiconductor Group BUZ104S Datenblatt HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
29/Jan/1998
BUZ 104 S
SPP14N05
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
140
°C
180
T
C
0
4
8
12
16
20
24
28
W
36
P
tot
Drain current
ID = ƒ(TC)
parameter: VGS ≥ 10 V
0
20
40
60
80
100
120
140
°C
180
T
C
0
1
2
3
4
5
6
7
8
9
10
11
12
A
14
I
D
Safe operating area
I
D = ƒ(VDS)
parameter: D = 0, T
C = 25°C
-1
10
0
10
1
10
2
10
A
I
D
10
0
10
1
10
2
V
V
DS
DC
10 ms
1 ms
100 µs
10 µs
t
p = 3.3µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter: D = t
p / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn