Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUZ104L Datasheet(Fiches technique) 3 Page - Siemens Semiconductor Group

Numéro de pièce BUZ104L
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ104L Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BUZ104L Datenblatt HTML 1Page - Siemens Semiconductor Group BUZ104L Datenblatt HTML 2Page - Siemens Semiconductor Group BUZ104L Datasheet HTML 3Page - Siemens Semiconductor Group BUZ104L Datenblatt HTML 4Page - Siemens Semiconductor Group BUZ104L Datenblatt HTML 5Page - Siemens Semiconductor Group BUZ104L Datenblatt HTML 6Page - Siemens Semiconductor Group BUZ104L Datenblatt HTML 7Page - Siemens Semiconductor Group BUZ104L Datenblatt HTML 8Page - Siemens Semiconductor Group BUZ104L Datenblatt HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
07/96
BUZ 104L
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 8.5 A
gfs
5
9.2
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
420
560
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
140
210
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
60
90
Turn-on delay time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
td(on)
-
12
18
ns
Rise time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
tr
-
50
75
Turn-off delay time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
td(off)
-
70
95
Fall time
VDD = 30 V, VGS = 5 V, ID = 3 A
RGS = 50 Ω
tf
-
50
65


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn