Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUZ103SL-4 Datasheet(Fiches technique) 2 Page - Siemens Semiconductor Group

Numéro de pièce BUZ103SL-4
Description  SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ103SL-4 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BUZ103SL-4 Datenblatt HTML 1Page - Siemens Semiconductor Group BUZ103SL-4 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ103SL-4 Datenblatt HTML 3Page - Siemens Semiconductor Group BUZ103SL-4 Datenblatt HTML 4Page - Siemens Semiconductor Group BUZ103SL-4 Datenblatt HTML 5Page - Siemens Semiconductor Group BUZ103SL-4 Datenblatt HTML 6Page - Siemens Semiconductor Group BUZ103SL-4 Datenblatt HTML 7Page - Siemens Semiconductor Group BUZ103SL-4 Datenblatt HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
05/Sep/1997
BUZ 103SL-4
Preliminary data
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Thermal resistance, junction - soldering point 1)
RthJS
-
tbd
-
K/W
Thermal resistance, junction - ambient 2)
RthJA
-
62.5
-
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer,70µm thick) copper area for
Drain connection. PCB is vertical without blown air.
2) one channel active
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 25 °C
V(BR)DSS
55
-
-
V
Gate threshold voltage
VGS=VDS, ID = 50 µA
VGS(th)
1.2
1.6
2
Zero gate voltage drain current
VDS = 55 V, VGS = 0 V, Tj = -40 °C
VDS = 55 V, VGS = 0 V, Tj = 25 °C
VDS = 55 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
-
0.1
-
100
1
0.1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 5 V, ID = 4.8 A
RDS(on)
-
0.0403
0.055


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BUZ100SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ104SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ101SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ102SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ102SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ111SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ70LSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ103ALSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ11ALSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ31LSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn