Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD-110B Fiches technique(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

No de pièce PD-110B
Description  PD-110_12
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-110B Fiches technique(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PD-110B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-110B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PD-110A
PD-110B
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
CH1
12V
CH2
5V
CH1
24V
CH2
5A
6.5A
5A
3.5A
0.5~5A
0.5~6.5A
0.5~5A
0.5~3.5A
103W
109W
100mVp-p
150mVp-p
200mVp-p
100mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
6.0%
6.0%
2.0%
1.0%
1.0%
2.0%
2.0%
1.0%
1.0%
5.0%
5.0%
1200ms,50msatfullload
80msatfullload
100~264VAC141~370VDC(90~100VAC90%loadmax.)
47~63Hz
75%
78%
3A/115VAC1.5A/230VAC
COLDSTART 45A
<1mA /240VAC
105%~135% ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+50
,60
withcoolingfan(Referto"DeratingCurve")
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
323Khrsmin.MIL-HDBK-217F(25
)
177.8*107.95*46.5mm(L*W*H)
0.51Kg;24pcs/13.1Kg/1.19CUFT
FileName:PD-110-SPEC2012-02-03
CH1:5.75~6.75VDC
OVERVOLTAGE
SAFETY STANDARDS
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
Complianceto
lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,11,
Features :
P D - 11 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
With power good signal output(Optional)
100% full load burn-in test
Fixed switching frequency at 45KHz
2 years warranty
OUTPUTNUMBER
110WDualOutputSwitchingPowerSupply
EMCIMMUNITY
EMCEMISSION


Numéro de pièce similaire - PD-110B

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
PD-110B ASTRODYNE-PD-110B Datasheet
829Kb / 5P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-110B MEANWELL-PD-110B Datasheet
291Kb / 2P
   110W Dual Output Switching Power Supply
logo
Tumbler Technologies + ...
PD-110B TRUMPOWER-PD-110B Datasheet
43Kb / 1P
   100W Switching Power Supplies
logo
Mean Well Enterprises C...
PD-110B MEANWELL-PD-110B Datasheet
294Kb / 2P
   110W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD-110B ASTRODYNE-PD-110B Datasheet
355Kb / 4P
   110W Dual Output Switching Power Supply
More results

Description similaire - PD-110B

FabricantNo de pièceFiches techniqueDescription
logo
Roithner LaserTechnik G...
SPD17-0T ROITHNER-SPD17-0T Datasheet
100Kb / 1P
   Silicone PD
SPD400-0F ROITHNER-SPD400-0F Datasheet
101Kb / 1P
   Silicone PD
SPD19-C ROITHNER-SPD19-C Datasheet
83Kb / 1P
   Silicone PD
SPD64-02 ROITHNER-SPD64-02 Datasheet
112Kb / 2P
   Silicone PD
SPD64-04 ROITHNER-SPD64-04 Datasheet
117Kb / 2P
   Silicone PD
SPD17-0F ROITHNER-SPD17-0F Datasheet
98Kb / 1P
   Silicone PD
logo
Silver Telecom 2019
AG5800 SILVERTEL-AG5800 Datasheet
842Kb / 22P
   IEEE802.3bt PD Module
logo
List of Unclassifed Man...
PD1450-35T52 ETC-PD1450-35T52 Datasheet
25Kb / 1P
   InGaAs PIN-PD
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
   PD Interface Controller
logo
Panasonic Semiconductor
HUL7212 PANASONIC-HUL7212 Datasheet
112Kb / 2P
   Hologram Unit PD
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com