Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA5750 Fiches technique(PDF) 14 Page - Protek Devices

No de pièce PA5750
Description  Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5750 Fiches technique(HTML) 14 Page - Protek Devices

Back Button PA5750 Datasheet HTML 10Page - Protek Devices PA5750 Datasheet HTML 11Page - Protek Devices PA5750 Datasheet HTML 12Page - Protek Devices PA5750 Datasheet HTML 13Page - Protek Devices PA5750 Datasheet HTML 14Page - Protek Devices PA5750 Datasheet HTML 15Page - Protek Devices PA5750 Datasheet HTML 16Page - Protek Devices PA5750 Datasheet HTML 17Page - Protek Devices PA5750 Datasheet HTML 18Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
PA5750
Low Power Stereo Audio CODEC
With Speaker and Headphone Amplifier.
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
14
www.protekanalog.com
Not for use in any life support systems.
95230 Rev.0. 04/09
6.2.5. Register13 – ADC Control 5, Default 0000 0110
Bit Name
Bit
Description
ADC_FsMode
5
0 – single speed mode (default)
1 – double speed mode.
Master mode ADC MCLK to sampling frequency ratio:
ADC_FsRatio
4:0
00000 -128
00001 – 192
00010 – 256
00011 – 384
00100 – 512
00101 – 576
00110 – 768 (default)
00111 – 1024
01000 – 1152
01001 – 1408
01010 – 1536
01011 – 2112
01100 – 2304
Other – Reserved.
10000 - 125
10001 - 136
10010 - 250
10011 - 272
10100 - 375
10101 - 500
10110 - 544
10111 - 750
11000 - 1000
11001 - 1088
11010 - 1496
11011 - 1500
6.2.6. Register14 – ADC Control 6, Default 0011 0000
Bit Name
Bit
Description
ADC_invL
7
0 – normal (default).
1 – left channel polarity inverted.
ADC_invR
6
0 – normal (default).
1 – right channel polarity inverted.
ADC_HP_L
5
0 – disable ADC left channel high pass filter.
1 – enable ADC left channel high pass filter (default).
ADC_HP_R
4
0 – disable ADC right channel high pass filter.
1 – enable ADC right channel high pass filter (default).
6.2.7. Register15 – ADC Control 7, Default 0011 0000
Bit Name
Bit
Description
ADCRampRate
7:6
00 – 0.5dB per 4 LRCK digital volume control ramp rate (default).
01 – 0.5dB per 8 LRCK digital volume control ramp rate.
10 – 0.5dB per 16 LRCK digital volume control ramp rate.
11 – 0.5dB per 32 LRCK digital volume control ramp rate.
ADCSoftRamp
5
0 – disable digital volume control soft ramp.
1 – enable digital volume control soft ramp (default)
ADCZeroCrs
4
0 – disable digital volume control at zero crossing.
1 – enable digital volume control at zero crossing (default).
ADCLeR
3
0 – normal (default)
1 – both channel gain control is set by ADC left gain control register
ADCMute
2
0 – normal (default).
1 – mute ADC digital output.
6.2.8. Register16 – ADC Control 8, Default 1100 0000
Bit Name
Bit
Description
LADCVOL
7:0
Digital volume control attenuates the signal in 0.5dB increments from 0 to -96dB
00000000 – 0dB.
00000001 – -0.5dB
00000010 - -1dB
……………….
11000000 - -96dB (default).


Numéro de pièce similaire - PA5750

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
   High Voltage LED Driver
logo
NEC
PA572WG NEC-PA572WG Datasheet
593Kb / 2P
   NEC Professional Installation Projector
More results

Description similaire - PA5750

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
Analog Devices
ADAU1373 AD-ADAU1373 Datasheet
7Mb / 296P
   Low Power Codec with Speaker and Headphone Amplifier
REV. 0
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com