Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUZ100SL-4 Datasheet(Fiches technique) 6 Page - Siemens Semiconductor Group

Numéro de pièce BUZ100SL-4
Description  SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ100SL-4 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BUZ100SL-4 Datenblatt HTML 1Page - Siemens Semiconductor Group BUZ100SL-4 Datenblatt HTML 2Page - Siemens Semiconductor Group BUZ100SL-4 Datenblatt HTML 3Page - Siemens Semiconductor Group BUZ100SL-4 Datenblatt HTML 4Page - Siemens Semiconductor Group BUZ100SL-4 Datenblatt HTML 5Page - Siemens Semiconductor Group BUZ100SL-4 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ100SL-4 Datenblatt HTML 7Page - Siemens Semiconductor Group BUZ100SL-4 Datenblatt HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
01/Oct/1997
Preliminary data
BUZ 100SL-4
Typ. drain-source on-resistance
R
DS (on) = ƒ(ID)
parameter: tp = 80 µs, Tj = 25 °C
0
2
4
6
8
10
12
A
15
I
D
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
0.055
0.060
0.070
R
DS (on)
VGS [V] =
a
2.5
VGS [V] =
a
3.0
VGS [V] =
a
a
3.5
b
b
4.0
c
c
4.5
d
d
5.0
e
e
5.5
f
f
6.0
g
g
6.5
h
h
7.0
i
i
8.0
j
j
10.0
Typ. output characteristics
I
D = ƒ(VDS)
parameter: tp = 80 µs , Tj = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
5.0
V
DS
0
2
4
6
8
10
12
14
A
17
I
D
V
GS [V]
a
a
2.5
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
5.5
h
h
6.0
i
i
6.5
j
j
7.0
k
k
8.0
l Ptot = 2W
l
10.0
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
10
20
30
40
50
60
70
A
90
I
D


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BUZ103SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ104SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ101SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ102SL-4SIPMOS Power Transistor Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ111SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ103ALSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ70LSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ11ALSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ31LSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ100LSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated Logic Level 1 2 3 4 5 MoreSiemens Semiconductor Group

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn