Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P00 Fiches technique(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

No de pièce P00
Description  100W Quad Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P00 Fiches technique(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  P00 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P00 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P00 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
PQ-100B
PQ-100C
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
POWERGOOD
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
CH1
CH1
-5V
CH3
CH3
12V
CH2
CH2
-12V
CH4
CH4
5V
-5V
15V
-15V
10A
0.5A
3.5A
0.5A
8A
0.5A
3.5A
0.5A
2~10A
0~1A
0.5~4.5A
0~1A
2~8A
0~1A
0.5~4A
0~1A
100.5W
102.5W
80mVp-p
80mVp-p
250mVp-p
120mVp-p
80mVp-p
150mVp-p
150mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
3.0%
6.0%
12%
6.0%
6.0%
6.0%
6.0%
2.0%
1.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
1.0%
5.0%
1200ms,50msatfullload
80msatfullload
100~264VAC141~370VDC(90~100VAC90%loadmax.)
47~63Hz
72%
74%
3A/115VAC1.5A/230VAC
COLDSTART 50A
<1mA /240VAC
105%~135% ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+50
,60
withcoolingfan(Referto"DeratingCurve")
1ms
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
258.6Khrsmin.MIL-HDBK-217F(25
)
177.8*107.95*46.5mm(L*W*H)
0.56Kg;24pcs/14.5Kg/1.19CUFT
FileName:PQ-100-SPEC2012-02-03
CH1:5.75~6.75VDC
OVERVOLTAGE
SAFETY STANDARDS
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
Complianceto
lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,11,
Features :
P Q - 1 0 0 series
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
With power good signal output(Optional)
100% full load burn-in test
Fixed switching frequency at 45KHz
2 years warranty
OUTPUTNUMBER
100WQuadOutputSwitchingPowerSupply
EMCIMMUNITY
EMCEMISSION


Numéro de pièce similaire - P00

FabricantNo de pièceFiches techniqueDescription
logo
Ensign Corporation
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
P001-1-010X ENSIGN-P001-1-010X Datasheet
536Kb / 3P
   Captain Class
P001-1-010X ENSIGN-P001-1-010X Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-010X** ENSIGN-P001-1-010X* Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-012X ENSIGN-P001-1-012X Datasheet
536Kb / 3P
   Captain Class
More results

Description similaire - P00

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
logo
XP Power Limited
PQ-100B XPPOWER-PQ-100B Datasheet
660Kb / 3P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PQ-100 MEANWELL-PQ-100_10 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
logo
Astrodyne Corporation
PQ-100 ASTRODYNE-PQ-100 Datasheet
829Kb / 5P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NED-100_0809 MEANWELL-NED-100_0809 Datasheet
417Kb / 2P
   100W Dual Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com