Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUZ100L Datasheet(Fiches technique) 1 Page - Siemens Semiconductor Group

Numéro de pièce BUZ100L
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ100L Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BUZ100L Datasheet HTML 1Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 2Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 3Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 4Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 5Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 6Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 7Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 8Page - Siemens Semiconductor Group BUZ100L Datenblatt HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 100L
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• Logic Level
• d
v/dt rated
• Ultra low on-resistance
• 175 °C operating temperature
• also in TO-220 SMD available
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 100L
50 V
60 A
0.018
TO-220 AB
C67078-S1354-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 101 °C
ID
60
A
Pulsed drain current
TC = 25 °C
IDpuls
240
Avalanche energy, single pulse
ID = 60 A, VDD = 25 V, RGS = 25 Ω
L = 70 µH, Tj = 25 °C
EAS
250
mJ
Reverse diode d
v/dt
IS = 60 A, VDS = 40 V, diF/dt = 200 A/µs
Tjmax = 175 °C
d
v/dt
6
kV/µs
Gate source voltage
VGS
± 14
V
Gate-source peak voltage,aperiodic
Vgs
± 20
Power dissipation
TC = 25 °C
Ptot
250
W


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn