Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BUP603D Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BUP603D
Description  IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP603D Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BUP603D Datasheet HTML 1Page - Siemens Semiconductor Group BUP603D Datasheet HTML 2Page - Siemens Semiconductor Group BUP603D Datasheet HTML 3Page - Siemens Semiconductor Group BUP603D Datasheet HTML 4Page - Siemens Semiconductor Group BUP603D Datasheet HTML 5Page - Siemens Semiconductor Group BUP603D Datasheet HTML 6Page - Siemens Semiconductor Group BUP603D Datasheet HTML 7Page - Siemens Semiconductor Group BUP603D Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
Dec-02-1996
BUP 603D
IGBT With Antiparallel Diode
Preliminary data
• Low forward voltage drop
• High switching speed
• Low tail current
• Latch-up free
• Including fast free-wheel diode
Pin 1
Pin 2
Pin 3
G
C
E
Type
VCE
IC
Package
Ordering Code
BUP 603D
600V
42A
TO-218 AB
Q67040-A4230-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE
600
V
Collector-gate voltage
RGE = 20 kΩ
VCGR
600
Gate-emitter voltage
VGE
± 20
DC collector current, (limited by bond wire)
TC = 60 °C
TC = 90 °C
IC
32
42
A
Pulsed collector current,
tp = 1 ms
TC = 25 °C
TC = 90 °C
ICpuls
64
104
Diode forward current
TC = 90 °C
IF
31
Pulsed diode current,
tp = 1 ms
TC = 25 °C
IFpuls
180
Power dissipation
TC = 25 °C
Ptot
200
W
Chip or operating temperature
Tj
- 55 ... + 150
°C
Storage temperature
Tstg
- 55 ... + 150


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BUP305D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1  2  3  4  5  More Siemens Semiconductor Group
BUP306D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1  2  3  4  5  More Siemens Semiconductor Group
BUP307D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1  2  3  4  5  More Siemens Semiconductor Group
BUP314D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1  2  3  4  5  More Siemens Semiconductor Group
BUP400D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1  2  3  4  5  More Siemens Semiconductor Group
BUP410D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1  2  3  4  5  More Siemens Semiconductor Group
BUP602D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode 1  2  3  4  5  More Siemens Semiconductor Group
BUP200D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free 1  2  3  4  5  More Siemens Semiconductor Group
BUP313D IGBT With Antiparallel Diode Low forward voltage drop High switching speed Low tail current Latch-up free 1  2  3  4  5  More Siemens Semiconductor Group
BUP307 IGBT Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated 1  2  3  4  5  More Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn