Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-1000L-48 Datasheet(Fiches technique) 4 Page - Mean Well Enterprises Co., Ltd.

Numéro de pièce SD-1000L-48
Description  1000W Single Output DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-1000L-48 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SD-1000L-48 Datenblatt HTML 1Page - Mean Well Enterprises Co., Ltd. SD-1000L-48 Datenblatt HTML 2Page - Mean Well Enterprises Co., Ltd. SD-1000L-48 Datenblatt HTML 3Page - Mean Well Enterprises Co., Ltd. SD-1000L-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.OutputOKsignal
"OutputOK"isanopencollectorsignal.
ItindicatestheoutputstatusofthePSU.Itcanoperate
intwoways:Oneissinkingcurrentfromexternalsignal ;
theotherissendingoutavoltagesignal.
Themaximumsinkcurrentis10mA andthemaximum
externalvoltageis13V.
2-1Sinkcurrent:
2-2Voltagesignal:
BetweenO/P OK(pin3)andGND(pin4)
0~0.5V
12~13V
OutputStatus
ON
OFF
S D - 1 0 0 0 series
Theremotesensingcompensatesvoltagedroponthe
loadwiringupto0.5V.
Fig3.1
Fig2.1
-
+
LOAD
-S
(pin2)
Senselinesshould
betwistedinpairs
+S
(pin1)
3.RemoteSense
FileName:SD-1000-SPEC2011-08-23
1000WSingleOutputDC-DCConverter
-V
+V
+S
+S
O/P OK
O/P OK
AUX
AUX
RC1
RC1
RCG
RCG
-S
-S
GND
GND
AUXG
AUXG
RC2
RC2
NC
NC
1
1
9
9
2
2
10
10
CN51
CN51
TB1
TB1
SVR51
SVR51
CN51
CN51
21
109
21
109
CN51
CN51
-V
+V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn