Moteur de recherche de fiches techniques de composants électroniques |
|
AD5114BCPZ80-RL7 Fiches technique(PDF) 6 Page - Analog Devices |
|
AD5114BCPZ80-RL7 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 28 page AD5110/AD5112/AD5114 Data Sheet Rev. 0 | Page 6 of 28 Parameter Symbol Test Conditions/Comments Min Typ1 Max Unit POWER SUPPLIES Single-Supply Power Range 2.3 5.5 V Logic Supply Range 1.8 VDD V Positive Supply Current IDD VDD = 5 V 750 nA EEMEM Store Current3, 6 IDD_NVM_STORE 2 mA EEMEM Read Current3, 7 IDD_NVM_READ 320 μA Logic Supply Current ILOGIC VIH = VLOGIC or VIL = GND 30 nA Power Dissipation8 PDISS VIH = VLOGIC or VIL = GND 5 μW Power Supply Rejection3 PSR ∆VDD/∆VSS = 5 V ± 10% RAB = 5 kΩ −43 dB RAB =10 kΩ −50 dB RAB = 80 kΩ −64 dB DYNAMIC CHARACTERISTICS3, 9 Bandwidth BW Code = half scale − 3 dB RAB = 5 kΩ 4 MHz RAB = 10 kΩ 2 MHz RAB = 80 kΩ 200 kHz Total Harmonic Distortion THD VA = VDD/2 + 1 V rms, VB = VDD/2, f = 1 kHz, code = half scale RAB = 5 kΩ −75 dB RAB = 10 kΩ −80 dB RAB = 80 kΩ −85 dB VW Settling Time ts VA = 5 V, VB = 0 V, ±0.5 LSB error band μs RAB = 5 kΩ 2.5 μs RAB = 10 kΩ 3 μs RAB = 80 kΩ 10 μs Resistor Noise Density eN_WB Code = half scale, TA = 25°C, f = 100 kHz RAB = 5 kΩ 7 nV/√Hz RAB = 10 kΩ 9 nV/√Hz RAB = 80 kΩ 20 nV/√Hz FLASH/EE MEMORY RELIABILITY3 Endurance10 TA = 25°C 1 MCycles 100 kCycles Data Retention11 50 Years 1 Typical values represent average readings at 25°C, VDD = 5 V, VSS = 0 V, and VLOGIC = 5 V. 2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step change from ideal between successive tap positions. The maximum wiper current is limited to 0.75 × VDD/RAB. 3 Guaranteed by design and characterization, not subject to production test. 4 INL and DNL are measured at VWB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions. 5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. 6 Different from operating current; supply current for NVM program lasts approximately 30 ms. 7 Different from operating current; supply current for NVM read lasts approximately 20 μs. 8 PDISS is calculated from (IDD × VDD) + (ILOGIC × VLOGIC). 9 All dynamic characteristics use VDD = 5.5 V, and VLOGIC = 5 V. 10 Endurance is qualified at 100,000 cycles per JEDEC Standard 22, Method A117 and measured at 150°C. 11 Retention lifetime equivalent at junction temperature (TJ) = 125°C per JEDEC Standard 22, Method A117. Retention lifetime based on an activation energy of 1 eV derates with junction temperature in the Flash/EE memory. |
Numéro de pièce similaire - AD5114BCPZ80-RL7 |
|
Description similaire - AD5114BCPZ80-RL7 |