Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5112BCPZ10-RL7 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5112BCPZ10-RL7
Description  Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5112BCPZ10-RL7 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5112BCPZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 10Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 11Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 12Page - Analog Devices AD5112BCPZ10-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5110/AD5112/AD5114
Rev. 0 | Page 9 of 28
INTERFACE TIMING SPECIFICATIONS
VLOGIC = 1.8 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter1
Test Conditions/
Comments
Min
Typ
Max
Unit
Description
fSCL2
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
t1
Standard mode
4.0
µs
tHIGH, SCL high time
Fast mode
0.6
µs
t2
Standard mode
4.7
µs
tLOW, SCL low time
Fast mode
1.3
µs
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
t4
Standard mode
0
3.45
µs
tHD;DAT, data hold time
Fast mode
0
0.9
µs
t5
Standard mode
4.7
µs
tSU;STA, setup time for a repeated start condition
Fast mode
0.6
µs
t6
Standard mode
4
µs
tHD;STA, hold time (repeated) start condition
Fast mode
0.6
µs
t7
Standard mode
4.7
µs
tBUF, bus free time between a stop and a start
condition
Fast mode
1.3
µs
t8
Standard mode
4
µs
tSU;STO, setup time for stop condition
Fast mode
0.6
µs
t9
Standard mode
1000
ns
tRDA, rise time of SDA signal
Fast mode
20 + 0.1 CL
300
ns
t10
Standard mode
300
ns
tFDA, fall time of SDA signal
Fast mode
20 + 0.1 CL
300
ns
t11
Standard mode
1000
ns
tRCL, rise time of SCL signal
Fast mode
20 + 0.1 CL
300
ns
t11A
Standard mode
1000
ns
tRCL1, rise time of SCL signal after a repeated start
condition and after an acknowledge bit.
Fast mode
20 + 0.1 CL
300
ns
t12
Standard mode
300
ns
tFCL, fall time of SCL signal
Fast mode
20 + 0.1 CL
300
ns
tSP3
Fast mode
0
50
ns
Pulse width of suppressed spike
tEEPROM_PROGRAM4
15
50
ms
Memory program time
tPOWER_UP5
50
µs
Power-on EEPROM restore time
tRESET
25
µs
Reset EEPROM restore time
1
Maximum bus capacitance is limited to 400 pF.
2
The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate but has a negative effect on EMC behavior
of the part.
3
Input filtering on the SCL and SDA inputs suppress noise spikes that are less than 50 ns for fast mode.
4
EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at a lower temperature and higher write cycles.
5
Maximum time after VDD is equal to 2.3 V.


Numéro de pièce similaire - AD5112BCPZ10-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5112 AD-AD5112 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5112 AD-AD5112 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results

Description similaire - AD5112BCPZ10-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com