Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5113 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5113
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5113 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5113 Datasheet HTML 6Page - Analog Devices AD5113 Datasheet HTML 7Page - Analog Devices AD5113 Datasheet HTML 8Page - Analog Devices AD5113 Datasheet HTML 9Page - Analog Devices AD5113 Datasheet HTML 10Page - Analog Devices AD5113 Datasheet HTML 11Page - Analog Devices AD5113 Datasheet HTML 12Page - Analog Devices AD5113 Datasheet HTML 13Page - Analog Devices AD5113 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5116
Data Sheet
Rev. 0 | Page 10 of 16
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (Hz)
20
200
2k
20k
200k
10kΩ
5kΩ
80kΩ
VDD = 5V
VA = 2.5V + 1VRMS
VB = 2.5V
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 20. Total Harmonic Distortion + Noise (THD + N) vs. Frequency
0
10
20
30
40
50
60
70
80
5k + 250pF
10k + 75pF
10k + 150pF
10k + 250pF
80k + 0pF
80k + 75pF
80k + 150pF
80k + 250pF
5k + 0pF
5k + 75pF
5k + 150pF
10k + 0pF
CODE (Decimal)
0
10
20
30
40
50
60
Figure 21. Maximum Bandwidth vs. Code vs. Net Capacitance
0
30
60
90
120
150
0
1
2
3
VDD (V)
4
5
6
5.5V
5V
3.3V
2.7V
2.3V
TA = 25°C
Figure 22. Incremental Wiper on Resistance vs. VDD
AMPLITUDE (V rms)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10kΩ
5kΩ
80kΩ
VDD = 5V
VA = 2.5V + VIN
VB = 2.5V
fIN = 1kHz
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 23. Total Harmonic Distortion + Noise (THD + N) vs. Amplitude
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
–1
1
3
5
TIME (µs)
7
9
5k
10k
80k
VDD = 5V
VA = VDD
VB = GND
Figure 24. Maximum Transition Glitch
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.0005
0.0010
0.0015
0.0020
0.0025
–400
–500
–600
–300 –200 –100
0
100
200
300
400
500
600
RESISTOR DRIFT (ppm)
Figure 25. Resistor Lifetime Drift


Numéro de pièce similaire - AD5113

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5113 AD-AD5113 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5113 AD-AD5113 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results

Description similaire - AD5113

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
logo
Maxim Integrated Produc...
DS3908 MAXIM-DS3908 Datasheet
219Kb / 11P
   Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
Rev 0; 4/06
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com