Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5111 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5111
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5111 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5111 Datasheet HTML 4Page - Analog Devices AD5111 Datasheet HTML 5Page - Analog Devices AD5111 Datasheet HTML 6Page - Analog Devices AD5111 Datasheet HTML 7Page - Analog Devices AD5111 Datasheet HTML 8Page - Analog Devices AD5111 Datasheet HTML 9Page - Analog Devices AD5111 Datasheet HTML 10Page - Analog Devices AD5111 Datasheet HTML 11Page - Analog Devices AD5111 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5116
Data Sheet
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63
5kΩ, –40°C
5kΩ, +25°C
5kΩ, +125°C
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
CODE (Decimal)
Figure 8. R-INL vs. Code
5kΩ, –40°C
5kΩ, +25°C
5kΩ, +125°C
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63
CODE (Decimal)
Figure 9. INL vs. Code
–100
0
100
200
300
400
500
600
700
800
–40
–25
–10
5
20
35
TEMPERATURE (°C)
50
65
80
95
110
125
VDD = 2.3V
VDD = 3.3V
VDD = 5V
Figure 10. Supply Current vs. Temperature
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63
5kΩ, –40°C
5kΩ, +25°C
5kΩ, +125°C
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
CODE (Decimal)
Figure 11. R-DNL vs. Code
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63
5kΩ, –40°C
5kΩ, +25°C
5kΩ, +125°C
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
CODE (Decimal)
Figure 12. DNL vs. Code
0
0.2
0.4
0.6
0.8
1.0
1.2
0.05
0.65
1.25
1.85
2.45
3.05
3.65
4.25
4.85
DIGITAL INPUT VOLTAGE (V)
VDD = 5V
VDD = 3.3V
VDD = 2.3V
TA = 25°C
Figure 13. Supply Current (IDD) vs. Digital Input Voltage


Numéro de pièce similaire - AD5111

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5111 AD-AD5111 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
More results

Description similaire - AD5111

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
logo
Maxim Integrated Produc...
DS3908 MAXIM-DS3908 Datasheet
219Kb / 11P
   Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
Rev 0; 4/06
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com