Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5116 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5116 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5116 Datasheet HTML 6Page - Analog Devices AD5116 Datasheet HTML 7Page - Analog Devices AD5116 Datasheet HTML 8Page - Analog Devices AD5116 Datasheet HTML 9Page - Analog Devices AD5116 Datasheet HTML 10Page - Analog Devices AD5116 Datasheet HTML 11Page - Analog Devices AD5116 Datasheet HTML 12Page - Analog Devices AD5116 Datasheet HTML 13Page - Analog Devices AD5116 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 10 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
–0.3 V to +7.0 V
VLOGIC to GND
–0.3 V to +7.0 V
VA, VW, VB to GND
GND − 0.3 V to VDD + 0.3 V
IA, IW, IB
Pulsed1
Frequency > 10 kHz
RAW = 5 kΩ and 10 kΩ
±6 mA/d2
RAW = 80 kΩ
±1.5 mA/d2
Frequency ≤ 10 kHz
RAW = 5 kΩ and 10 kΩ
±6 mA/√d2
RAW = 80 kΩ
±1.5 mA/√d2
Continuous
RAW = 5 kΩ and 10 kΩ
±6 mA
RAW = 80 kΩ
±1.5 mA
Digital Inputs U/D, CLK, and CS
−0.3 V to +7 V or VDD + 0.3 V
(whichever is less)
Operating Temperature Range3
−40°C to +125°C
Maximum Junction Temperature (TJ Max)
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Pulse duty factor.
3 Includes programming of EEPROM memory.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by JEDEC specification JESD-51, and the value is
dependent on the test board and test environment.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead LFCSP
901
25
°C/W
1 JEDEC 2S2P test board, still air (0 m/sec air flow).
ESD CAUTION


Numéro de pièce similaire - AD5116

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5116 AD-AD5116 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results

Description similaire - AD5116

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com