Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5116 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5116 Fiches technique(HTML) 5 Page - Analog Devices

  AD5116 Datasheet HTML 1Page - Analog Devices AD5116 Datasheet HTML 2Page - Analog Devices AD5116 Datasheet HTML 3Page - Analog Devices AD5116 Datasheet HTML 4Page - Analog Devices AD5116 Datasheet HTML 5Page - Analog Devices AD5116 Datasheet HTML 6Page - Analog Devices AD5116 Datasheet HTML 7Page - Analog Devices AD5116 Datasheet HTML 8Page - Analog Devices AD5116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5111/AD5113/AD5115
Rev. 0 | Page 5 of 24
ELECTRICAL CHARACTERISTICS—AD5113
5 kΩ, 10 kΩ, and 80 kΩ versions: VDD = 2.3 V to 5.5 V, VA = VDD, VB = 0 V, −40°C < TA < +125°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resolution
N
6
Bits
Resistor Integral Nonlinearity2
R-INL
RAB = 5 kΩ, VDD = 2.3 V to 2.7 V
−2.5
±0.5
+2.5
LSB
RAB = 5 kΩ, VDD = 2.7 V to 5.5 V
−1
±0.25
+1
LSB
RAB = 10 kΩ
−1
±0.25
+1
LSB
RAB = 80 kΩ
−0.25
±0.1
+0.25
LSB
Resistor Differential Nonlinearity2
R-DNL
−1
±0.25
+1
LSB
Nominal Resistor Tolerance
ΔRAB/RAB
−8
+8
%
Resistance Temperature Coefficient3
(ΔRAB/RAB)/ΔT × 106
35
ppm/°C
Wiper Resistance
RW
Code = zero scale
70
140
Ω
RBS
Code = bottom scale
45
80
Ω
RTS
Code = top scale
70
140
Ω
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE
Integral Nonlinearity4
INL
−0.5
±0.15
+0.5
LSB
Differential Nonlinearity4
DNL
−0.5
±0.15
+0.5
LSB
Full-Scale Error
VWFSE
RAB = 5 kΩ
−2.5
LSB
RAB =10 kΩ
−1.5
LSB
RAB = 80 kΩ
−1
LSB
Zero-Scale Error
VWZSE
RAB = 5 kΩ
1.5
LSB
RAB =10 kΩ
1
LSB
RAB = 80 kΩ
0.25
LSB
Voltage Divider Temperature Coefficient3
(ΔVW/VW)/ΔT × 106
Code = half scale
±10
ppm/°C
RESISTOR TERMINALS
Maximum Continuous IA, IB, and IW
Current3
RAB = 5 kΩ, 10 kΩ
−6
+6
mA
RAB = 80 kΩ
−1.5
+1.5
mA
Terminal Voltage Range5
GND
VDD
V
Capacitance A, Capacitance B3, 6
CA, CB
f = 1 MHz, measured to GND,
code = half scale
20
pF
Capacitance W3, 6
CW
f = 1 MHz, measured to GND,
code = half scale
35
pF
Common-Mode Leakage Current3
VA = VW = VB
−500
±15
+500
nA
DIGITAL INPUTS
Input Logic3
High
VINH
2
V
Low
VINL
0.8
V
Input Current3
IN
±1
μA
Input Capacitance3
CIN
5
pF
POWER SUPPLIES
Single-Supply Power Range
2.3
5.5
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND, VDD = 5 V
750
nA
EEMEM Store Current3, 7
IDD_NVM_STORE
2
mA
EEMEM Read Current3, 8
IDD_NVM_READ
320
μA
Power Dissipation9
PDISS
VIH = VDD or VIL = GND
5
μW
Power Supply Rejection3
PSR
∆VDD/∆VSS = 5 V ± 10%
RAB = 5 kΩ
−43
dB
RAB =10 kΩ
−50
dB
RAB = 80 kΩ
−64
dB


Numéro de pièce similaire - AD5116

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5116 AD-AD5116 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results

Description similaire - AD5116

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com