Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5110BCPZ10-1-RL7 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5110BCPZ10-1-RL7
Description  Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5110BCPZ10-1-RL7 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5110BCPZ10-1-RL7 Datasheet HTML 2Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 3Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 4Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 5Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 6Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 7Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 8Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 9Page - Analog Devices AD5110BCPZ10-1-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5110/AD5112/AD5114
Data Sheet
Rev. 0 | Page 6 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
POWER SUPPLIES
Single-Supply Power Range
2.3
5.5
V
Logic Supply Range
1.8
VDD
V
Positive Supply Current
IDD
VDD = 5 V
750
nA
EEMEM Store Current3, 6
IDD_NVM_STORE
2
mA
EEMEM Read Current3, 7
IDD_NVM_READ
320
μA
Logic Supply Current
ILOGIC
VIH = VLOGIC or VIL = GND
30
nA
Power Dissipation8
PDISS
VIH = VLOGIC or VIL = GND
5
μW
Power Supply Rejection3
PSR
∆VDD/∆VSS = 5 V ± 10%
RAB = 5 kΩ
−43
dB
RAB =10 kΩ
−50
dB
RAB = 80 kΩ
−64
dB
DYNAMIC CHARACTERISTICS3, 9
Bandwidth
BW
Code = half scale − 3 dB
RAB = 5 kΩ
4
MHz
RAB = 10 kΩ
2
MHz
RAB = 80 kΩ
200
kHz
Total Harmonic Distortion
THD
VA = VDD/2 + 1 V rms,
VB = VDD/2, f = 1 kHz,
code = half scale
RAB = 5 kΩ
−75
dB
RAB = 10 kΩ
−80
dB
RAB = 80 kΩ
−85
dB
VW Settling Time
ts
VA = 5 V, VB = 0 V,
±0.5 LSB error band
μs
RAB = 5 kΩ
2.5
μs
RAB = 10 kΩ
3
μs
RAB = 80 kΩ
10
μs
Resistor Noise Density
eN_WB
Code = half scale, TA = 25°C,
f = 100 kHz
RAB = 5 kΩ
7
nV/√Hz
RAB = 10 kΩ
9
nV/√Hz
RAB = 80 kΩ
20
nV/√Hz
FLASH/EE MEMORY RELIABILITY3
Endurance10
TA = 25°C
1
MCycles
100
kCycles
Data Retention11
50
Years
1 Typical values represent average readings at 25°C, VDD = 5 V, VSS = 0 V, and VLOGIC = 5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. The maximum wiper current is limited to 0.75 × VDD/RAB.
3 Guaranteed by design and characterization, not subject to production test.
4 INL and DNL are measured at VWB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
6 Different from operating current; supply current for NVM program lasts approximately 30 ms.
7 Different from operating current; supply current for NVM read lasts approximately 20 μs.
8 PDISS is calculated from (IDD × VDD) + (ILOGIC × VLOGIC).
9 All dynamic characteristics use VDD = 5.5 V, and VLOGIC = 5 V.
10 Endurance is qualified at 100,000 cycles per JEDEC Standard 22, Method A117 and measured at 150°C.
11 Retention lifetime equivalent at junction temperature (TJ) = 125°C per JEDEC Standard 22, Method A117. Retention lifetime based on an activation energy of 1 eV
derates with junction temperature in the Flash/EE memory.


Numéro de pièce similaire - AD5110BCPZ10-1-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5110 AD-AD5110 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results

Description similaire - AD5110BCPZ10-1-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com